Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 44Page - Microchip Technology LAN8700 Datasheet HTML 45Page - Microchip Technology LAN8700 Datasheet HTML 46Page - Microchip Technology LAN8700 Datasheet HTML 47Page - Microchip Technology LAN8700 Datasheet HTML 48Page - Microchip Technology LAN8700 Datasheet HTML 49Page - Microchip Technology LAN8700 Datasheet HTML 50Page - Microchip Technology LAN8700 Datasheet HTML 51Page - Microchip Technology LAN8700 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 48
 2007-2016 Microchip Technology Inc.
6.0
AC ELECTRICAL CHARACTERISTICS
The timing diagrams and limits in this section define the requirements placed on the external signals of the Phy.
6.1
Serial Management Interface (SMI) Timing
The Serial Management Interface is used for status and control as described in Section 4.13.
FIGURE 6-1:
SMI TIMING DIAGRAM
TABLE 6-1:
SMI TIMING VALUES
Parameter
Description
MIN
TYP
MAX
Units
Notes
T1.1
MDC minimum cycle time
400
ns
T1.2
MDC to MDIO (Read from PHY) delay
0
300
ns
T1.3
MDIO (Write to PHY) to MDC setup
10
ns
T1.4
MDIO (Write to PHY) to MDC hold
10
ns
Clock -
MDC
Data Out -
MDIO
T1.2
Valid Data
(Read from PHY)
T1.1
T1.3
T1.4
Data In -
MDIO
Valid Data
(Write to PHY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com