Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 10Page - Microchip Technology LAN8700 Datasheet HTML 11Page - Microchip Technology LAN8700 Datasheet HTML 12Page - Microchip Technology LAN8700 Datasheet HTML 13Page - Microchip Technology LAN8700 Datasheet HTML 14Page - Microchip Technology LAN8700 Datasheet HTML 15Page - Microchip Technology LAN8700 Datasheet HTML 16Page - Microchip Technology LAN8700 Datasheet HTML 17Page - Microchip Technology LAN8700 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 14
2007-2016 Microchip Technology Inc.
4.0
ARCHITECTURE DETAILS
4.1
Top Level Functional Architecture
Functionally, the PHY can be divided into the following sections:
• 100Base-TX transmit and receive
• 10Base-T transmit and receive
• MII or RMII interface to the controller
• Auto-negotiation to automatically determine the best speed and duplex possible
• Management Control to read status registers and write control registers
4.2
100Base-TX Transmit
The data path of the 100Base-TX is shown in Figure 4-1. Each major block is explained below.
4.2.1
100M TRANSMIT DATA ACROSS THE MII/RMII INTERFACE
For MII, the MAC controller drives the transmit data onto the TXD bus and asserts TX_EN to indicate valid data. The
data is latched by the PHY’s MII block on the rising edge of TX_CLK. The data is in the form of 4-bit wide 25MHz data.
The MAC controller drives the transmit data onto the TXD bus and asserts TX_EN to indicate valid data. The data is
latched by the PHY’s MII block on the rising edge of REF_CLK. The data is in the form of 2-bit wide 50MHz data.
4.2.2
4B/5B ENCODING
The transmit data passes from the MII block to the 4B/5B encoder. This block encodes the data from 4-bit nibbles to 5-
bit symbols (known as “code-groups”) according to Table 4-1. Each 4-bit data-nibble is mapped to 16 of the 32 possible
code-groups. The remaining 16 code-groups are either used for control information or are not valid.
The first 16 code-groups are referred to by the hexadecimal values of their corresponding data nibbles, 0 through F. The
remaining code-groups are given letter designations with slashes on either side. For example, an IDLE code-group is
/I/, a transmit error code-group is /H/, etc.
The encoding process may be bypassed by clearing bit 6 of register 31. When the encoding is bypassed the 5th transmit
data bit is equivalent to TX_ER.
Note that encoding can be bypassed only when the MAC interface is configured to operate in MII mode.
FIGURE 4-1:
100BASE-TX DATA PATH
MA C
Tx
Drive r
ML T -3
C onverte r
NRZ I
C onverte r
4B /5 B
En c o d e r
Ma g n e tic s
CAT -5
RJ 4 5
25M H z by
5 bits
NR Z I
ML T -3
ML T -3
ML T -3
ML T -3
Sc ra m b le r
a n d PISO
125 M b p s S e rial
MII
25 M H z
by 4 bits
T X _C LK
(for M II only)
E x t Re f_ CL K (fo r RM II o n ly)
10 0M
PL L
M II 2 5 M h z b y 4 b its
or
R M II 50 M h z by 2 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com