Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 60 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 60 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 56Page - Microchip Technology LAN8700 Datasheet HTML 57Page - Microchip Technology LAN8700 Datasheet HTML 58Page - Microchip Technology LAN8700 Datasheet HTML 59Page - Microchip Technology LAN8700 Datasheet HTML 60Page - Microchip Technology LAN8700 Datasheet HTML 61Page - Microchip Technology LAN8700 Datasheet HTML 62Page - Microchip Technology LAN8700 Datasheet HTML 63Page - Microchip Technology LAN8700 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 60
 2007-2016 Microchip Technology Inc.
Note 7-2
Current measurements do not include power applied to the magnetics or the optional external LEDs.
Current measurements taken with VDDIO = +3.3V, unless otherwise indicated.
7.1.4
DC CHARACTERISTICS - INPUT AND OUTPUT BUFFERS
TABLE 7-5:
MII BUS INTERFACE SIGNALS
Name
VIH (V)
VIL (V)
IOH
IOL
VOL (V)
VOH (V)
TXD0
0.68 * VDDIO
0.4 * VDDIO
TXD1
0.68 * VDDIO
0.4 * VDDIO
TXD2
0.68 * VDDIO
0.4 * VDDIO
TXD3
0.68 * VDDIO
0.4 * VDDIO
TX_EN
0.68 * VDDIO
0.4 * VDDIO
TX_CLK
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD0/MODE0
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD1/MODE1
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD2/MODE2
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD3/nINTSEL
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RX_ER/RXD4
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RX_DV
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RX_CLK/REGOFF
-8 mA
+8 mA
+0.4
VDDIO – +0.4
CRS/PHYAD4
-8 mA
+8 mA
+0.4
VDDIO – +0.4
COL/RMII/CRS_DV
-8 mA
+8 mA
+0.4
VDDIO – +0.4
MDC
0.68 * VDDIO
0.4 * VDDIO
MDIO
0.68 * VDDIO
0.4 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
nINT/TX_ER/TXD4
0.68 * VDDIO
0.4 * VDDIO
-8 mA
+8 mA
+0.4
3.6
TABLE 7-6:
LAN INTERFACE SIGNALS
Name
VIH
VIL
IOH
IOL
VOL
VOH
TXP
See Table 7-12, “100Base-TX Transceiver Characteristics,” on page 62 and Table 7-13,
“10BASE-T Transceiver Characteristics,” on page 62.
TXN
RXP
RXN
TABLE 7-7:
LED SIGNALS
Name
VIH (V)
VIL (V)
IOH
IOL
VOL (V)
VOH (V)
SPEED100/PHYAD0
0.68 * VDDIO
0.4 * VDDIO
-12 mA
+12 mA
+0.4
VDDIO – +0.4
LINK/PHYAD1
0.68 * VDDIO
0.4 * VDDIO
-12 mA
+12 mA
+0.4
VDDIO – +0.4
ACTIVITY/PHYAD2
0.68 * VDDIO
0.4 * VDDIO
-12 mA
+12 mA
+0.4
VDDIO – +0.4
FDUPLEX/PHYAD3
0.68 * VDDIO
0.4 * VDDIO
-12 mA
+12 mA
+0.4
VDDIO – +0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com