Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 36 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 36 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 32Page - Microchip Technology LAN8700 Datasheet HTML 33Page - Microchip Technology LAN8700 Datasheet HTML 34Page - Microchip Technology LAN8700 Datasheet HTML 35Page - Microchip Technology LAN8700 Datasheet HTML 36Page - Microchip Technology LAN8700 Datasheet HTML 37Page - Microchip Technology LAN8700 Datasheet HTML 38Page - Microchip Technology LAN8700 Datasheet HTML 39Page - Microchip Technology LAN8700 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 36
 2007-2016 Microchip Technology Inc.
TABLE 5-32:
REGISTER 2 - PHY IDENTIFIER 1
Address
Name
Description
Mode
Default
2.15:0
PHY ID Number
Assigned to the 3rd through 18th bits of the
Organizationally Unique Identifier (OUI), respectively.
OUI=00800Fh
RW
0007h
TABLE 5-33:
REGISTER 3 - PHY IDENTIFIER 2
Address
Name
Description
Mode
Default
3.15:10
PHY ID Number
Assigned to the 19th through 24th bits of the OUI.
RW
C0h
3.9:4
Model Number
Six-bit manufacturer’s model number.
RW
0Ch
3.3:0
Revision Number
Four-bit manufacturer’s revision number.
RW
4h
TABLE 5-34:
REGISTER 4 - AUTO NEGOTIATION ADVERTISEMENT
Address
Name
Description
Mode
Default
4.15
Next Page
1 = next page capable,
0 = no next page ability
This Phy does not support next page ability.
RO
0
4.14
Reserved
RO
0
4.13
Remote Fault
1 = remote fault detected,
0 = no remote fault
RW
0
4.12
Reserved
4.11:10
Pause Operation
00 = No PAUSE
01 = Symmetric PAUSE
10 = Asymmetric PAUSE toward link partner
11 = Both Symmetric PAUSE and Asymmetric
PAUSE toward local device
R/W
00
4.9
100Base-T4
1 = T4 able,
0 = no T4 ability
This Phy does not support 100Base-T4.
RO
0
4.8
100Base-TX Full
Duplex
1 = TX with full duplex,
0 = no TX full duplex ability
RW
Set by
MODE[2:0]
bus
4.7
100Base-TX
1 = TX able,
0 = no TX ability
RW
1
4.6
10Base-T Full
Duplex
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
RW
Set by
MODE[2:0]
bus
4.5
10Base-T
1 = 10Mbps able,
0 = no 10Mbps ability
RW
Set by
MODE[2:0]
bus
4.4:0
Selector Field
[00001] = IEEE 802.3
RW
00001
TABLE 5-35:
REGISTER 5 - AUTO NEGOTIATION LINK PARTNER ABILITY
Address
Name
Description
Mode
Default
5.15
Next Page
1 = “Next Page” capable,
0 = no “Next Page” ability
This Phy does not support next page ability.
RO
0
5.14
Acknowledge
1 = link code word received from partner
0 = link code word not yet received
RO
0
5.13
Remote Fault
1 = remote fault detected,
0 = no remote fault
RO
0
5.12:11
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com