Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 36Page - Microchip Technology LAN8700 Datasheet HTML 37Page - Microchip Technology LAN8700 Datasheet HTML 38Page - Microchip Technology LAN8700 Datasheet HTML 39Page - Microchip Technology LAN8700 Datasheet HTML 40Page - Microchip Technology LAN8700 Datasheet HTML 41Page - Microchip Technology LAN8700 Datasheet HTML 42Page - Microchip Technology LAN8700 Datasheet HTML 43Page - Microchip Technology LAN8700 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 40
 2007-2016 Microchip Technology Inc.
5.3
Interrupt Management
The Management interface supports an interrupt capability that is not a part of the IEEE 802.3 specification. It generates
an active low asynchronous interrupt signal on the nINT output whenever certain events are detected as setup by the
Interrupt Mask Register 30.
The Interrupt system on the Microchip LAN8700/8700I has two modes, a Primary Interrupt mode and an Alternative
Interrupt mode. Both systems will assert the nINT pin low when the corresponding mask bit is set, the difference is how
they de-assert the output interrupt signal nINT.
The Primary interrupt mode is the default interrupt mode after a power-up or hard reset, the Alternative interrupt mode
would need to be setup again after a power-up or hard reset.
5.3.1
PRIMARY INTERRUPT SYSTEM
bit The Primary Interrupt system is the default interrupt mode, (Bit 17.6 = ‘0’). The Primary Interrupt System is always
selected after power-up or hard reset.
29.1
INT1
1 = Auto-Negotiation Page Received
0 = not source of interrupt
RO/
LH
X
29.0
Reserved
Ignore on read.
RO/
LH
0
TABLE 5-44:
REGISTER 30 - INTERRUPT MASK
Address
Name
Description
Mode
Default
30.15:8
Reserved
Write as 0; ignore on read.
RO
0
30.7:1
Mask Bits
1 = interrupt source is enabled
0 = interrupt source is masked
RW
0
30.0
Reserved
Write as 0; ignore on read
RO
0
TABLE 5-45:
REGISTER 31 - PHY SPECIAL CONTROL/STATUS
Address
Name
Description
Mode
Default
31.15:13
Reserved
Write as 0, ignore on read.
RW
0
31.12
Autodone
Auto-negotiation done indication:
0 = Auto-negotiation is not done or disabled (or not
active)
1 = Auto-negotiation is done
Note:
This is a duplicate of register 1.5, however
reads to register 31 do not clear status bits.
RO
0
31.11:10
Reserved
Write as 0, ignore on Read.
RW
XX
31.9:7
Reserved
Write as 0, ignore on Read.
RW
0
31.6
Enable 4B5B
0 = Bypass encoder/decoder.
1 = enable 4B5B encoding/decoding.
MAC Interface must be configured in MII mode.
RW
1
31.5
Reserved
Write as 0, ignore on Read.
RW
0
31.4:2
Speed Indication
HCDSPEED value:
[001]=10Mbps Half-duplex
[101]=10Mbps Full-duplex
[010]=100Base-TX Half-duplex
[110]=100Base-TX Full-duplex
RO
XXX
31.1
Reserved
Write as 0; ignore on Read
RW
0
31.0
Scramble Disable
0 = enable data scrambling
1 = disable data scrambling,
RW
0
TABLE 5-43:
REGISTER 29 - INTERRUPT SOURCE FLAGS (CONTINUED)
Address
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com