Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 58Page - Microchip Technology LAN8700 Datasheet HTML 59Page - Microchip Technology LAN8700 Datasheet HTML 60Page - Microchip Technology LAN8700 Datasheet HTML 61Page - Microchip Technology LAN8700 Datasheet HTML 62Page - Microchip Technology LAN8700 Datasheet HTML 63Page - Microchip Technology LAN8700 Datasheet HTML 64Page - Microchip Technology LAN8700 Datasheet HTML 65Page - Microchip Technology LAN8700 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 62
 2007-2016 Microchip Technology Inc.
Note 7-4
Measured at the line side of the transformer, line replaced by 100
 (± 1%) resistor.
Note 7-5
Offset from 16 nS pulse width at 50% of pulse peak.
Note 7-6
Measured differentially.
Note 7-7
Min/max voltages ensured as measured with 100
 resistive load.
RX_ER/RXD4
Pull-down
RX_DV
Pull-down
TX_EN
Pull-down
Note:
For VDDIO operation below +2.5V, Microchip recommends designs add external strapping resistors in
addition the internal strapping resistors to ensure proper strapped operation.
TABLE 7-12:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Notes
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 7-4
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 7-4
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 7-4
Signal Rise & Fall Time
TRF
3.0
-
5.0
nS
Note 7-4
Rise & Fall Time Symmetry
TRFS
--
0.5
nS
Note 7-4
Duty Cycle Distortion
DCD
35
50
65
%
Note 7-5
Overshoot & Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 7-6
TABLE 7-13:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Notes
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 7-7
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
TABLE 7-11:
INTERNAL PULL-UP / PULL-DOWN CONFIGURATIONS (CONTINUED)
Name
Pull-up or Pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com