Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 64Page - Microchip Technology LAN8700 Datasheet HTML 65Page - Microchip Technology LAN8700 Datasheet HTML 66Page - Microchip Technology LAN8700 Datasheet HTML 67Page - Microchip Technology LAN8700 Datasheet HTML 68Page - Microchip Technology LAN8700 Datasheet HTML 69Page - Microchip Technology LAN8700 Datasheet HTML 70Page - Microchip Technology LAN8700 Datasheet HTML 71Page - Microchip Technology LAN8700 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 68
 2007-2016 Microchip Technology Inc.
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002260A (08-25-16)
Replaces previous SMSC version Rev. 2.3 (04-12-11)
Rev. 2.3
(04-12-11)
Section 6.5, "Reset Timing,"
on page 56
Corrected T11.4 minimum value to 3ns.
Corrected T11.3 to 2ns.
Table 5-39, “Register 18 -
Special Modes,” on page 38
• Updated MIIMODE bit description and added
note: “When writing to this register, the default
value of this bit must always be written back.”
• Added note regarding default MIIMODE value.
Section 4.6.3, "MII vs. RMII
Configuration," on page 21
Updated section to remove information about
register control of the MII/RMII mode.
Section 5.4.8.2, "Far
Loopback," on page 45
Updated section to remove information about
register control of the MII/RMII mode.
Rev. 2.2
(12-04-09)
Table 6-1, "SMI Timing
Values"
Updated T1.2 maximum to 300ns.
Rev. 2.1
(03-06-09)
Section 5.4.6, "Reset"
Removed reference to internal POR system.
Added note the nRST should be low until VDDIO
and VDD_CORE are stable. Added Figure.
Table 5-34, "Register 4 - Auto
Negotiation Advertisement"
Corrected bit value for Asymmetric and Symmetric
PAUSE.
Section 6.3, "RMII
10/100Base-TX/RX Timings"
Improved timing values.
Section 5.4.8, "Loopback
Operation"
Enhanced this section.
Section 4.6.3, "MII vs. RMII
Configuration"
Added information about register bit 18.14.
Section 6.6, "Clock Circuit"
Added section on clock, with crystal specification
table.
Figure 1-1,
"LAN8700/LAN8700i System
Block Diagram"
Removed GPIO from the LED block.
Section 4.11, "PHY Address
Strapping and LED Output
Polarity Selection"
Removed reference to GP01 pin in third
paragraph.
Table 5-45, "Register 31 -
PHY Special Control/Status"
Renamed Bits 7-9 as Reserved.
Table 5-28, "PHY Special
Control/Status Register 31:
Vendor-Specific"
Renamed Bits 7-9 as Reserved.
Rev. 2.0
(07-15-08)
Section 9.0, "Package Outline,
Tape and Reel"
Tape and reel drawings and ordering info added.
Rev. 1.9
(03-18-08)
Figure 6-7, "100M RMII
Transmit Timing Diagram"
Replaced figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com