Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 12 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 12 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 8Page - Microchip Technology LAN8700 Datasheet HTML 9Page - Microchip Technology LAN8700 Datasheet HTML 10Page - Microchip Technology LAN8700 Datasheet HTML 11Page - Microchip Technology LAN8700 Datasheet HTML 12Page - Microchip Technology LAN8700 Datasheet HTML 13Page - Microchip Technology LAN8700 Datasheet HTML 14Page - Microchip Technology LAN8700 Datasheet HTML 15Page - Microchip Technology LAN8700 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 12
2007-2016 Microchip Technology Inc.
TABLE 3-5:
GENERAL SIGNALS
Signal Name
Type
Description
nINT/
TX_ER/
TXD4
IOPU
LAN Interrupt – Active Low output. Place an external resistor (see
Table 4-3, “Boot Strapping Configuration Resistors,” on page 25)
pull-up to VCC 3.3V.
• This signal is mux’d with TXER/TXD4
• See Section 4.10, "nINT/TX_ER/TXD4 Strapping," on page 24
for additional details on Strapping options.
nRST
I
External Reset – input of the system reset. This signal is active
LOW. When this pin is deasserted, the mode register bits are
loaded from the mode pins as described in Section 5.4.9.2.
CLKIN/
XTAL1
I/O
Clock Input – 25 Mhz or 50 MHz external clock or crystal input.
• In MII mode, this signal is the 25 MHz reference input clock
• In RMII mode, this signal is the 50 MHz reference input clock
which is typically also driven to the RMII compliant Ethernet
MAC clock input.
Note:
See Section 4.10, "nINT/TX_ER/TXD4 Strapping," on
page 24 for additional details on Strapping options.
XTAL2
O
Clock Output – 25 MHz crystal output.
Note:
Float this pin if using an external clock being driven
through CLKIN/XTAL1
TABLE 3-6:
10/100 LINE INTERFACE
Signal Name
Type
Description
TXP
AO
Transmit Data Positive: 100Base-TX or 10Base-T differential
transmit outputs to magnetics.
TXN
AO
Transmit Data Negative: 100Base-TX or 10Base-T differential
transmit outputs to magnetics.
RXP
AI
Receive Data Positive: 100Base-TX or 10Base-T differential
receive inputs from magnetics.
RXN
AI
Receive Data Negative: 100Base-TX or 10Base-T differential
receive inputs from magnetics.
TABLE 3-7:
ANALOG REFERENCES
Signal Name
Type
Description
EXRES1
AI
Connects to reference resistor of value 12.4K-Ohm, 1% connected
as described in the Analog Layout Guidelines. The nominal
voltage is 1.2V and therefore the resistor will dissipate
approximately 1mW of power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com