Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 42Page - Microchip Technology LAN8700 Datasheet HTML 43Page - Microchip Technology LAN8700 Datasheet HTML 44Page - Microchip Technology LAN8700 Datasheet HTML 45Page - Microchip Technology LAN8700 Datasheet HTML 46Page - Microchip Technology LAN8700 Datasheet HTML 47Page - Microchip Technology LAN8700 Datasheet HTML 48Page - Microchip Technology LAN8700 Datasheet HTML 49Page - Microchip Technology LAN8700 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 46
 2007-2016 Microchip Technology Inc.
5.4.9
CONFIGURATION SIGNALS
The PHY has 11 configuration signals whose inputs should be driven continuously, either by external logic or external
pull-up/pull-down resistors.
5.4.9.1
Physical Address Bus - PHYAD[4:0]
The PHYAD[4:0] signals are driven high or low to give each PHY a unique address. This address is latched into an inter-
nal register at end of hardware reset. In a multi-PHY application (such as a repeater), the controller is able to manage
each PHY via the unique address. Each PHY checks each management data frame for a matching address in the rel-
evant bits. When a match is recognized, the PHY responds to that particular frame. The PHY address is also used to
seed the scrambler. In a multi-PHY application, this ensures that the scramblers are out of synchronization and dis-
perses the electromagnetic radiation across the frequency spectrum.
5.4.9.2
Mode Bus – MODE[2:0]
The MODE[2:0] bus controls the configuration of the 10/100 digital block. When the nRST pin is deasserted, the register
bit values are loaded according to the MODE[2:0] pins. The 10/100 digital block is then configured by the register bit
values. When a soft reset occurs (bit 0.15) as described in Table 5-30, the configuration of the 10/100 digital block is
controlled by the register bit values, and the MODE[2:0] pins have no affect.
FIGURE 5-4:
CONNECTOR LOOPBACK BLOCK DIAGRAM
TABLE 5-48:
MODE[2:0] BUS
Mode [2:0]
Mode Definitions
Default Register Bit Values
Register 0
Register 4
[13,12,10,8]
[8,7,6,5]
000
10Base-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10Base-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100Base-TX Half Duplex. Auto-negotiation disabled.
CRS is active during Transmit & Receive.
1000
N/A
011
100Base-TX Full Duplex. Auto-negotiation disabled.
CRS is active during Receive.
1001
N/A
100
100Base-TX Half Duplex is advertised. Auto-
negotiation enabled.
CRS is active during Transmit & Receive.
1100
0100
101
Repeater mode. Auto-negotiation enabled. 100Base-
TX Half Duplex is advertised.
CRS is active during Receive.
1100
0100
Ethernet Transceiver
10/100
Ethernet
MAC
XFMR
Digital
RXD
TXD
Analog
RX
TX
1
2
3
4
5
6
7
8
RJ45 Loopback Cable.
Created by connecting pin 1 to pin 3
and connecting pin 2 to pin 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com