Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 5Page - Microchip Technology LAN8700 Datasheet HTML 6Page - Microchip Technology LAN8700 Datasheet HTML 7Page - Microchip Technology LAN8700 Datasheet HTML 8Page - Microchip Technology LAN8700 Datasheet HTML 9Page - Microchip Technology LAN8700 Datasheet HTML 10Page - Microchip Technology LAN8700 Datasheet HTML 11Page - Microchip Technology LAN8700 Datasheet HTML 12Page - Microchip Technology LAN8700 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
2007-2016 Microchip Technology Inc.
DS00002260A-page 9
LAN8700/LAN8700i
RXD0/
MODE0
IOPU
Receive Data 0: Bit 0 of the 4 data bits that are sent by the PHY
in the receive path.
PHY Operating Mode Bit 0: set the default MODE of the PHY.
Note:
See Section 5.4.9.2, "Mode Bus – MODE[2:0]," on
page 46, for the MODE options
RXD1/
MODE1
IOPU
Receive Data 1: Bit 1 of the 4 data bits that are sent by the PHY
in the receive path.
PHY Operating Mode Bit 1: set the default MODE of the PHY.
Note:
See Section 5.4.9.2, "Mode Bus – MODE[2:0]," on
page 46, for the MODE options.
RXD2/
MODE2
IOPU
Receive Data 2: Bit 2 of the 4 data bits that are sent by the PHY
in the receive path.
PHY Operating Mode Bit 2: set the default MODE of the PHY.
• RXD2 is not used in RMII Mode.
• See Section 5.4.9.2, "Mode Bus – MODE[2:0]," on page 46,
for the MODE options.
RXD3/
nINTSEL
IOPU
Receive Data 3: Bit 3 of the 4 data bits that are sent by the PHY
in the receive path.
nINTSEL: On power-up or external reset, the mode of the
nINT/TXER/TXD4 pin is selected.
• When RXD3/nINTSEL is floated or pulled to VDDIO, nINT is
selected for operation on pin nINT/TXER/TXD4 (default).
• When RXD3/nINTSEL is pulled low to VSS through a resistor,
(see Table 4-3, “Boot Strapping Configuration Resistors,” on
page 25), TXER/TXD4 is selected for operation on pin
nINT/TXER/TXD4.
• RXD3 is not used in RMII Mode
• If the nINT/TXER/TXD4 pin is configured for nINT mode, then
a pull-up resistor is needed to VDDIO on the
nINT/TXER/TXD4 pin. see Table 4-3, “Boot Strapping Configu-
ration Resistors,” on page 25.
• See Section 4.10, "nINT/TX_ER/TXD4 Strapping," on page 24
for additional information on configuration/strapping options.
RX_ER/
RXD4/
OPD
Receive Error: Asserted to indicate that an error was detected
somewhere in the frame presently being transferred from the PHY.
MII Receive Data 4: In Symbol Interface (5B Decoding) mode, this
signal is the MII Receive Data 4 signal, the MSB of the received
5-bit symbol code-group. Unless configured in this mode, the pin
functions as RX_ER.
Note:
This pin has an internal pull-down resistor, and must not
be high during reset. The RX_ER signal is optional in
RMII Mode.
RX_DV
O
Receive Data Valid: Indicates that recovered and decoded data
nibbles are being presented on RXD[3:0].
Note:
This pin has an internal pull-down resistor, and must not
be high during reset. This signal is not used in RMII
Mode.
TABLE 3-1:
MII SIGNALS (CONTINUED)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com