Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 7 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 3Page - Microchip Technology LAN8700 Datasheet HTML 4Page - Microchip Technology LAN8700 Datasheet HTML 5Page - Microchip Technology LAN8700 Datasheet HTML 6Page - Microchip Technology LAN8700 Datasheet HTML 7Page - Microchip Technology LAN8700 Datasheet HTML 8Page - Microchip Technology LAN8700 Datasheet HTML 9Page - Microchip Technology LAN8700 Datasheet HTML 10Page - Microchip Technology LAN8700 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
2007-2016 Microchip Technology Inc.
DS00002260A-page 7
LAN8700/LAN8700i
TABLE 2-1:
LAN8700/LAN8700I 36-PIN QFN PINOUT
Pin No.
Pin Name
Pin No.
Pin Name
1
nINT/TX_ER/TXD4
19
RX_DV
2
MDC
20
RX_CLK/REGOFF
3
CRS/PHYAD4
21
RX_ER/RXD4
4MDIO
22
TXCLK
5nRST
23
TXD0
6
TX_EN
24
TXD1
7
VDD33
25
VDDIO
8VDD_CORE
26
TXD2
9
SPEED100/PHYAD0
27
TXD3
10
LINK/PHYAD1
28
TXN
11
ACTIVITY/PHYAD2
29
TXP
12
FDUPLEX/PHYAD3
30
VDDA3.3
13
XTAL2
31
RXN
14
CLKIN/XTAL1
32
RXP
15
RXD3/nINTSEL
33
VDDA3.3
16
RXD2/MODE2
34
EXRES1
17
RXD1/MODE1
35
VDDA3.3
18
RXD0/MODE0
36
COL/RMII/CRS_DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com