Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 38 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 38 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 34Page - Microchip Technology LAN8700 Datasheet HTML 35Page - Microchip Technology LAN8700 Datasheet HTML 36Page - Microchip Technology LAN8700 Datasheet HTML 37Page - Microchip Technology LAN8700 Datasheet HTML 38Page - Microchip Technology LAN8700 Datasheet HTML 39Page - Microchip Technology LAN8700 Datasheet HTML 40Page - Microchip Technology LAN8700 Datasheet HTML 41Page - Microchip Technology LAN8700 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 38
 2007-2016 Microchip Technology Inc.
Note 5-1
The default value of this field is determined by the strapping of the COL/RMII/CRS_DV pin. Refer to
Section 4.6.3, "MII vs. RMII Configuration," on page 21 for additional information.
17.10
MDPREBP
Management Data Preamble Bypass:
0 – detect SMI packets with Preamble
1 – detect SMI packets without preamble
RW
0
17.9
FARLOOPBACK
Force the module to the FAR Loop Back mode, i.e. all
the received packets are sent back simultaneously (in
100Base-TX only). This bit is only active in RMII mode.
In this mode the user needs to supply a 50MHz clock
to the PHY. This mode works even if MII Isolate (0.10)
is set.
RW
0
17.8:7
Reserved
Write as 0, ignore on read.
RW
00
17.6
ALTINT
Alternate Interrupt Mode.
0 = Primary interrupt system enabled (Default).
1 = Alternate interrupt system enabled.
See Section 5.3, "Interrupt Management," on page 40.
RW
0
17.5:4
Reserved
Write as 0, ignore on read.
RW
00
17.3
PHYADBP
1 = PHY disregards PHY address in SMI access write.
RW
0
17.2
Force
Good Link Status
0 = normal operation;
1 = force 100TX- link active;
Note:
This bit should be set only during lab testing
RW
0
17.1
ENERGYON
ENERGYON – indicates whether energy is detected on
the line (see Section 5.4.5.2, "Energy Detect Power-
Down," on page 43); it goes to “0” if no valid energy is
detected within 256ms. Reset to “1” by hardware reset,
unaffected by SW reset.
RO
X
17.0
Reserved
Write as 0. Ignore on read.
RW
0
TABLE 5-39:
REGISTER 18 - SPECIAL MODES
Address
Name
Description
Mode
Default
18.15
Reserved
Write as 0, ignore on read.
RW
0
18.14
MIIMODE
MII Mode: Reflects the mode of the digital interface:
0 – MII interface.
1 – RMII interface
Note:
When writing to this register, the default value
of this bit must always be written back.
RW,
NASR
Note 5-1
18.13:8
Reserved
Write as 0, ignore on read.
RW,
NASR
000000
18.7:5
MODE
PHY Mode of operation. Refer to Section 5.4.9.2, "Mode
Bus – MODE[2:0]," on page 46 for more details.
RW,
NASR
XXX
EVB8700
default 111
18.4:0
PHYAD
PHY Address.
The PHY Address is used for the SMI address and for
the initialization of the Cipher (Scrambler) key. Refer to
Section 5.4.9.1, "Physical Address Bus - PHYAD[4:0],"
on page 46 for more details.
RW,
NASR
PHYAD
EVB8700
default
11111
TABLE 5-38:
REGISTER 17 - MODE CONTROL/STATUS (CONTINUED)
Address
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com