Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 26 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 26 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 22Page - Microchip Technology LAN8700 Datasheet HTML 23Page - Microchip Technology LAN8700 Datasheet HTML 24Page - Microchip Technology LAN8700 Datasheet HTML 25Page - Microchip Technology LAN8700 Datasheet HTML 26Page - Microchip Technology LAN8700 Datasheet HTML 27Page - Microchip Technology LAN8700 Datasheet HTML 28Page - Microchip Technology LAN8700 Datasheet HTML 29Page - Microchip Technology LAN8700 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
LAN8700/LAN8700i
DS00002260A-page 26
 2007-2016 Microchip Technology Inc.
4.12.2
I/O VOLTAGE STABILITY
The I/O voltage the System Designer applies on VDDIO needs to maintain its value with a tolerance of ± 10%. Varying
the voltage up or down, after the PHY has completed power-on reset can cause errors in the PHY operation.
4.13
PHY Management Control
The Management Control module includes 3 blocks:
• Serial Management Interface (SMI)
• Management Registers Set
• Interrupt
4.13.1
SERIAL MANAGEMENT INTERFACE (SMI)
The Serial Management Interface is used to control the LAN8700/LAN8700i and obtain its status. This interface sup-
ports registers 0 through 6 as required by Clause 22 of the 802.3 standard, as well as “vendor-specific” registers 16 to
31 allowed by the specification. Non-supported registers (7 to 15) will be read as hexadecimal “FFFF”.
At the system level there are 2 signals, MDIO and MDC where MDIO is bi-directional open-drain and MDC is the clock.
A special feature (enabled by register 17 bit 3) forces the PHY to disregard the PHY-Address in the SMI packet causing
the PHY to respond to any address. This feature is useful in multi-PHY applications and in production testing, where the
same register can be written in all the PHYs using a single write transaction.
The MDC signal is an aperiodic clock provided by the station management controller (SMC). The MDIO signal receives
serial data (commands) from the controller SMC, and sends serial data (status) to the SMC. The minimum time between
edges of the MDC is 160 ns. There is no maximum time between edges.
The minimum cycle time (time between two consecutive rising or two consecutive falling edges) is 400 ns. These mod-
est timing requirements allow this interface to be easily driven by the I/O port of a microcontroller.
The data on the MDIO line is latched on the rising edge of the MDC. The frame structure and timing of the data is shown
in Figure 4-6 and Figure 4-7.
The timing relationships of the MDIO signals are further described in Section 6.1, "Serial Management Interface (SMI)
Timing," on page 48.
FIGURE 4-6:
MDIO TIMING AND FRAME STRUCTURE - READ CYCLE
MDC
MDI0
Read Cycle
...
32 1's
0110
A4
A3
A2
A1
A0
R4
R3
R2
R1
R0
D1
...
D15
D14
D0
Preamble
Start of
Frame
OP
Code
PHY Address
Register Address
Turn
Around
Data
Data From Phy
Data To Phy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com