Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 24Page - Microchip Technology LAN8700 Datasheet HTML 25Page - Microchip Technology LAN8700 Datasheet HTML 26Page - Microchip Technology LAN8700 Datasheet HTML 27Page - Microchip Technology LAN8700 Datasheet HTML 28Page - Microchip Technology LAN8700 Datasheet HTML 29Page - Microchip Technology LAN8700 Datasheet HTML 30Page - Microchip Technology LAN8700 Datasheet HTML 31Page - Microchip Technology LAN8700 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
5.0
REGISTERS
TABLE 5-1:
CONTROL REGISTER: REGISTER 0 (BASIC)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
Loopback
Speed Select
A/N Enable
Power Down
Isolate
Restart A/N
Duplex Mode
Collision Test
Reserved
TABLE 5-2:
STATUS REGISTER: REGISTER 1 (BASIC)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
100Base-
T4
100Base-
TX
Full
Duplex
100Base-
TX
Half
Duplex
10Base-T
Full
Duplex
10Base-T
Half
Duplex
Reserved
A/N
Complete
Remote
Fault
A/N
Ability
Link
Status
Jabber
Detect
Extended
Capability
TABLE 5-3:
PHY ID 1 REGISTER: REGISTER 2 (EXTENDED)
15
14
13
12
11
10
98
7654
3210
PHY ID Number (Bits 3-18 of the Organizationally Unique Identifier - OUI)
TABLE 5-4:
PHY ID 2 REGISTER: REGISTER 3 (EXTENDED)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PHY ID Number (Bits 19-24 of the Organizationally Unique
Identifier - OUI)
Manufacturer Model Number
Manufacturer Revision Number
TABLE 5-5:
AUTO-NEGOTIATION ADVERTISEMENT: REGISTER 4 (EXTENDED)
15
14
13
12
11
10
9
8
7
6
5
4321
0
Next
Page
Reserved
Remote
Fault
Reserved
Pause
Operation
100Base-
T4
100Base-
TX
Full Duplex
100Base-
TX
10Base-T
Full Duplex
10Base-T
IEEE 802.3 Selector
Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com