Electronic Components Datasheet Search
  English  ▼

X  

LAN8700 Datasheet(PDF) 57 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 57 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 53Page - Microchip Technology LAN8700 Datasheet HTML 54Page - Microchip Technology LAN8700 Datasheet HTML 55Page - Microchip Technology LAN8700 Datasheet HTML 56Page - Microchip Technology LAN8700 Datasheet HTML 57Page - Microchip Technology LAN8700 Datasheet HTML 58Page - Microchip Technology LAN8700 Datasheet HTML 59Page - Microchip Technology LAN8700 Datasheet HTML 60Page - Microchip Technology LAN8700 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 57
LAN8700/LAN8700i
6.6
Clock Circuit
LAN8700/LAN8700i can accept either a 25MHz crystal or a 25MHz single-ended clock oscillator (±50ppm) input for
operation in MII mode. If the single-ended clock oscillator method is implemented, XTAL2 should be left unconnected
and XTAL1/CLKIN should be driven with a nominal 0-3.3V clock signal. The user is required to supply a 50MHz single-
ended clock for RMII operation. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum. See
Table 6-12 for the recommended crystal specifications.
Note 6-1
The maximum allowable values for Frequency Tolerance and Frequency Stability are application
dependant. Since any particular application must meet the IEEE ±50 PPM Total PPM Budget, the
combination of these two values must be approximately ±45 PPM (allowing for aging).
Note 6-2
Frequency Deviation Over Time is also referred to as Aging.
Note 6-3
The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as
±100 PPM.
Note 6-4
0oC for commercial version, -40oC for industrial version.
Note 6-5
+70oC for commercial version, +85oC for industrial version.
Note 6-6
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included
in this value. The XTAL1/CLKIN pin, XTAL2 pin and PCB capacitance values are required to
accurately calculate the value of the two external load capacitors. The total load capacitance must
be equivalent to what the crystal expects to see in the circuit so that the crystal oscillator will operate
at 25.000 MHz.
TABLE 6-12:
LAN8700/LAN8700I CRYSTAL SPECIFICATIONS
Parameter
Symbol
MIN
NOM
MAX
Units
Notes
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
±50
PPM
Note 6-1
Frequency Stability Over Temp
Ftemp
-
-
±50
PPM
Note 6-1
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 6-2
Total Allowable PPM Budget
-
-
±50
PPM
Note 6-3
Shunt Capacitance
CO
-7 typ-
pF
Load Capacitance
CL
-20 typ-
pF
Drive Level
PW
0.5
-
-
mW
Equivalent Series Resistance
R1
--
30
Ohm
Operating Temperature Range
Note 6-4
-
Note 6-5
oC
Note 6-6
LAN8700/LAN8700i
XTAL1/CLKIN Pin Capacitance
-3 typ-
pF
Note 6-6
LAN8700/LAN8700i XTAL2 Pin
Capacitance
-3 typ-
pF
Note 6-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com