Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 223 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 223 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 219Page - Microchip Technology LAN9250 Datasheet HTML 220Page - Microchip Technology LAN9250 Datasheet HTML 221Page - Microchip Technology LAN9250 Datasheet HTML 222Page - Microchip Technology LAN9250 Datasheet HTML 223Page - Microchip Technology LAN9250 Datasheet HTML 224Page - Microchip Technology LAN9250 Datasheet HTML 225Page - Microchip Technology LAN9250 Datasheet HTML 226Page - Microchip Technology LAN9250 Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 223
LAN9250
12.2.10.1
General Power-Down
This power-down mode is controlled by the Power Down (PHY_PWR_DWN) bit of the PHY Basic Control Register
(PHY_BASIC_CONTROL). In this mode the entire transceiver, except the PHY management control interface, is pow-
ered down. The transceiver will remain in this power-down state as long as the Power Down (PHY_PWR_DWN) bit is
set. When the Power Down (PHY_PWR_DWN) bit is cleared, the transceiver powers up and is automatically reset.
12.2.10.2
Energy Detect Power-Down
This power-down mode is enabled by setting the Energy Detect Power-Down (EDPWRDOWN) bit of the PHY Mode
Control/Status Register (PHY_MODE_CONTROL_STATUS). In this mode, when no energy is present on the line, the
entire transceiver is powered down (except for the PHY management control interface, the SQUELCH circuit and the
ENERGYON logic). The ENERGYON logic is used to detect the presence of valid energy from 100BASE-TX, 10BASE-
T, or Auto-Negotiation signals.
In this mode, when the Energy On (ENERGYON) bit in the PHY Mode Control/Status Register (PHY_MODE_CON-
TROL_STATUS) signal is low, the transceiver is powered down and nothing is transmitted. When energy is received,
via link pulses or packets, the Energy On (ENERGYON) bit goes high, and the transceiver powers up. The transceiver
automatically resets itself into the state prior to power-down, and asserts the INT7 bit of the PHY Interrupt Source Flags
Register (PHY_INTERRUPT_SOURCE). The first and possibly second packet to activate ENERGYON may be lost.
When the Energy Detect Power-Down (EDPWRDOWN) bit of the PHY Mode Control/Status Register (PHY_MODE_-
CONTROL_STATUS) is low, energy detect power-down is disabled.
When in EDPD mode, the device’s NLP characteristics may be modified. The device can be configured to transmit NLPs
in EDPD via the EDPD TX NLP Enable bit of the PHYEDPD NLP / Crossover Time / EEE Configuration Register
(PHY_EDPD_CFG). When enabled, the TX NLP time interval is configurable via the EDPD TX NLP Interval Timer
Select field of the PHYEDPD NLP / Crossover Time / EEE Configuration Register (PHY_EDPD_CFG). When in EDPD
mode, the device can also be configured to wake on the reception of one or two NLPs. Setting the EDPD RX Single
NLP Wake Enable bit of the PHYEDPD NLP / Crossover Time / EEE Configuration Register (PHY_EDPD_CFG) will
enable the device to wake on reception of a single NLP. If the EDPD RX Single NLP Wake Enable bit is cleared, the
maximum interval for detecting reception of two NLPs to wake from EDPD is configurable via the EDPD RX NLP Max
Interval Detect Select field of the PHYEDPD NLP / Crossover Time / EEE Configuration Register (PHY_EDPD_CFG).
The energy detect power down feature is part of the broader power management features of the device and can be used
to trigger the power management event output pin (PME) or general interrupt request pin (IRQ). This is accomplished
by enabling the energy detect power-down feature of the PHY as described above, and setting the energy detect enable
of the Power Management Control Register (PMT_CTRL). Refer to Power Management for additional information.
12.2.11
ENERGY EFFICIENT ETHERNET
The PHY supports IEEE 802.3az Energy Efficient Ethernet (EEE). The EEE functionality is enabled/disabled via the
PHY Energy Efficient Ethernet Enable (PHYEEEEN) bit of the PHYEDPD NLP / Crossover Time / EEE Configuration
Register (PHY_EDPD_CFG). Energy Efficient Ethernet is enabled or disabled by default via the EEE_enable_strap_1
configuration strap. In order for EEE to be utilized, the following conditions must be met:
• EEE functionality must be enabled via the PHY Energy Efficient Ethernet Enable (PHYEEEEN) bit of the PHY-
EDPD NLP / Crossover Time / EEE Configuration Register (PHY_EDPD_CFG)
•The 100BASE-TX EEE bit of the MMD PHY EEE Advertisement Register (PHY_EEE_ADV) must be set
• The MAC and link-partner must support and be configured for EEE operation
• The device and link-partner must link in 100BASE-TX full-duplex mode
The value of the PHY Energy Efficient Ethernet Enable (PHYEEEEN) bit affects the default values of the following reg-
ister bits:
• 100BASE-TX EEE bit of the MMD PHY EEE Capability Register (PHY_EEE_CAP)
• 100BASE-TX EEE bit of the MMD PHY EEE Advertisement Register (PHY_EEE_ADV)
Note:
Energy Efficient Ethernet is not used for 100BASE-FX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com