Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 220 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 220 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 216Page - Microchip Technology LAN9250 Datasheet HTML 217Page - Microchip Technology LAN9250 Datasheet HTML 218Page - Microchip Technology LAN9250 Datasheet HTML 219Page - Microchip Technology LAN9250 Datasheet HTML 220Page - Microchip Technology LAN9250 Datasheet HTML 221Page - Microchip Technology LAN9250 Datasheet HTML 222Page - Microchip Technology LAN9250 Datasheet HTML 223Page - Microchip Technology LAN9250 Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 421 page
background image
LAN9250
DS00001913A-page 220
 2015 Microchip Technology Inc.
the MII Management Data (MDIO) signal and the MII Management Clock (MDC) signal. These signals allow access to
all PHY registers. Refer to Section 12.2.18, "PHY Registers," on page 230 for a list of all supported registers and register
descriptions. Non-supported registers will be read as FFFFh.
12.2.9
PHY INTERRUPTS
The PHY contains the ability to generate various interrupt events. Reading the PHY Interrupt Source Flags Register
(PHY_INTERRUPT_SOURCE) shows the source of the interrupt. The PHY Interrupt Mask Register (PHY_INTER-
RUPT_MASK) enables or disables each PHY interrupt.
The PHY Management Control block aggregates the enabled interrupts status into an internal signal which is sent to
the System Interrupt Controller and is reflected via the PHY Interrupt Event (PHY_INT) bit of the Interrupt Status Reg-
ister (INT_STS). For more information on the device interrupts, refer to Section 8.0, "System Interrupts," on page 62.
The PHY interrupt system provides two modes, a Primary interrupt mode and an Alternative interrupt mode. Both modes
will assert the internal interrupt signal sent to the System Interrupt Controller when the corresponding mask bit is set.
These modes differ only in how they de-assert the internal interrupt signal. These modes are detailed in the following
subsections.
12.2.9.1
Primary Interrupt Mode
The Primary interrupt mode is the default interrupt mode. The Primary interrupt mode is always selected after power-up
or hard reset. In this mode, to enable an interrupt, set the corresponding mask bit in the PHY Interrupt Mask Register
(PHY_INTERRUPT_MASK) (see Table 12-2). When the event to assert an interrupt is true, the internal interrupt signal
will be asserted. When the corresponding event to de-assert the interrupt is true, the internal interrupt signal will be de-
asserted.
Note:
The Primary interrupt mode is the default interrupt mode after a power-up or hard reset. The Alternative
interrupt mode requires setup after a power-up or hard reset.
TABLE 12-2:
INTERRUPT MANAGEMENT TABLE
Mask
Interrupt Source Flag
Interrupt Source
Event to Assert
interrupt
Event to
De-assert interrupt
30.9
29.9
Link Up
LINKSTAT
See Note 1
Link Status
Rising LINK-
STAT
Falling LINKSAT or
Reading register 29
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
(Note 3)
Falling 17.1 or
Reading register 29
30.6
29.6
Auto-Negotia-
tion complete
1.5
Auto-Negoti-
ate Com-
plete
Rising 1.5
Falling 1.5 or
Reading register 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com