Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 250 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 250 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 246Page - Microchip Technology LAN9250 Datasheet HTML 247Page - Microchip Technology LAN9250 Datasheet HTML 248Page - Microchip Technology LAN9250 Datasheet HTML 249Page - Microchip Technology LAN9250 Datasheet HTML 250Page - Microchip Technology LAN9250 Datasheet HTML 251Page - Microchip Technology LAN9250 Datasheet HTML 252Page - Microchip Technology LAN9250 Datasheet HTML 253Page - Microchip Technology LAN9250 Datasheet HTML 254Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 421 page
background image
LAN9250
DS00001913A-page 250
 2015 Microchip Technology Inc.
12.2.18.14 PHY Special Modes Register (PHY_SPECIAL_MODES)
This read/write register is used to control the special modes of the PHY.
Note 13:
Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg-
ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the
PHY Basic Control Register (PHY_BASIC_CONTROL) is set.
Note 14:
The default value of this bit is determined by the Fiber Enable strap (fx_mode_strap_1).
Note 15:
The default value of this field is determined by a combination of the configuration straps autoneg_strap_1,
speed_strap_1, and duplex_strap_1. If the autoneg_strap_1 is 1, then the default MODE[2:0] value is 111b.
Else, the default value of this field is determined by the remaining straps. MODE[2]=0,
MODE[1]=(speed_strap_1), and MODE[0]=(duplex_strap_1). Refer to Section 7.0, "Configuration Straps,"
on page 54 for more information. In 100BASE-FX mode, the default value of these bits is 010b or 011b.
depending on the duplex configuration strap.
Note 16:
The default value of this field is determined per Section 12.1.1, "PHY Addressing," on page 210.
Index (decimal): 18
Size:
16 bits
Bits
Description
Type
Default
15:11
RESERVED
RO
-
10
100BASE-FX Mode (FX_MODE)
This bit enables 100BASE-FX Mode
Note:
FX_MODE cannot properly be changed with this bit. This bit must
always be written with its current value. Device strapping must be
used to set the desired mode.
R/W
NASR
Note 13
Note 14
9:8
RESERVED
RO
-
7:5
PHY Mode (MODE[2:0])
This field controls the PHY mode of operation. Refer to Table 12-12 for a defi-
nition of each mode.
Note:
This field should be written with its read value.
R/W
NASR
Note 13
Note 15
4:0
PHY Address (PHYADD)
The PHY Address field determines the MMI address to which the PHY will
respond and is also used for initialization of the cipher (scrambler) key. Refer
to Section 12.1.1, "PHY Addressing," on page 210 for additional information.
R/W
NASR
Note 13
Note 16
TABLE 12-12: MODE[2:0] DEFINITIONS
MODE[2:0]
Mode Definitions
000
10BASE-T Half Duplex. Auto-Negotiation disabled.
001
10BASE-T Full Duplex. Auto-Negotiation disabled.
010
100BASE-TX or 100BASE-FX Half Duplex. Auto-Negotiation disabled. CRS is active
during Transmit & Receive.
011
100BASE-TX or 100BASE-FX Full Duplex. Auto-Negotiation disabled. CRS is active
during Receive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com