Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 316 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 316 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 312Page - Microchip Technology LAN9250 Datasheet HTML 313Page - Microchip Technology LAN9250 Datasheet HTML 314Page - Microchip Technology LAN9250 Datasheet HTML 315Page - Microchip Technology LAN9250 Datasheet HTML 316Page - Microchip Technology LAN9250 Datasheet HTML 317Page - Microchip Technology LAN9250 Datasheet HTML 318Page - Microchip Technology LAN9250 Datasheet HTML 319Page - Microchip Technology LAN9250 Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 421 page
background image
LAN9250
DS00001913A-page 316
 2015 Microchip Technology Inc.
14.8
1588 Registers
This section details the directly addressable PTP timestamp related registers.
For GPIO related registers, the wildcard “x” should be replaced with “0” through “7”.
Similarly, for Clock Compare events, the wildcard “x” should be replaced with “A” or “B”.
Port and GPIO registers share a common address space. Port vs. GPIO registers are selected by using the Bank Select
(BANK_SEL[2:0] in the 1588 Bank Port GPIO Select Register (1588_BANK_PORT_GPIO_SEL). The GPIO accessed
(“x”) is set by the GPIO Select (GPIO_SEL[2:0]) field.
Note:
The IEEE 1588 Unit supports 3 GPIO signals.
For an overview of the entire directly addressable register map, refer to Section 5.0, "Register Map," on page 29.
TABLE 14-1:
1588 CONTROL AND STATUS REGISTERS
BANK
SELECT
ADDRESS
OFFSET
Register Name (Symbol)
na
100h
1588 Command and Control Register (1588_CMD_CTL)
na
104h
1588 General Configuration Register (1588_GENERAL_CONFIG)
na
108h
1588 Interrupt Status Register (1588_INT_STS)
na
10Ch
1588 Interrupt Enable Register (1588_INT_EN)
na
110h
1588 Clock Seconds Register (1588_CLOCK_SEC)
na
114h
1588 Clock NanoSeconds Register (1588_CLOCK_NS)
na
118h
1588 Clock Sub-NanoSeconds Register (1588_CLOCK_SUBNS)
na
11Ch
1588 Clock Rate Adjustment Register (1588_CLOCK_RATE_ADJ)
na
120h
1588 Clock Temporary Rate Adjustment Register (1588_CLOCK_TEMP_RATE_-
ADJ)
na
124h
1588 Clock Temporary Rate Duration Register (1588_CLOCK_TEMP_RATE_DU-
RATION)
na
128h
1588 Clock Step Adjustment Register (1588_CLOCK_STEP_ADJ)
na
12Ch
1588 Clock Target x Seconds Register (1588_CLOCK_TARGET_SEC_x) x=A
na
130h
1588 Clock Target x NanoSeconds Register (1588_CLOCK_TARGET_NS_x) x=A
na
134h
1588 Clock Target x Reload / Add Seconds Register (1588_CLOCK_TARGET_RE-
LOAD_SEC_x) x=A
na
138h
1588 Clock Target x Reload / Add NanoSeconds Register (1588_CLOCK_TAR-
GET_RELOAD_NS_x) x=A
na
13Ch
1588 Clock Target x Seconds Register (1588_CLOCK_TARGET_SEC_x) x=B
na
140h
1588 Clock Target x NanoSeconds Register (1588_CLOCK_TARGET_NS_x) x=B
na
144h
1588 Clock Target x Reload / Add Seconds Register (1588_CLOCK_TARGET_RE-
LOAD_SEC_x) x=B
na
148h
1588 Clock Target x Reload / Add NanoSeconds Register (1588_CLOCK_TAR-
GET_RELOAD_NS_x) x=B
na
14Ch
1588 User MAC Address High-WORD Register (1588_USER_MAC_HI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com