Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 319 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 319 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 315Page - Microchip Technology LAN9250 Datasheet HTML 316Page - Microchip Technology LAN9250 Datasheet HTML 317Page - Microchip Technology LAN9250 Datasheet HTML 318Page - Microchip Technology LAN9250 Datasheet HTML 319Page - Microchip Technology LAN9250 Datasheet HTML 320Page - Microchip Technology LAN9250 Datasheet HTML 321Page - Microchip Technology LAN9250 Datasheet HTML 322Page - Microchip Technology LAN9250 Datasheet HTML 323Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 319
LAN9250
14.8.1
1588 COMMAND AND CONTROL REGISTER (1588_CMD_CTL)
Offset:
100h
Size:
32 bits
Bank:
na
Bits
Description
Type
Default
31:14
RESERVED
RO
-
13
Clock Target Read (1588_CLOCK_TARGET_READ)
Writing a one to this bit causes the current values of both of the 1588 clock
targets (A and B) to be saved into the 1588 Clock Target x Seconds Register
(1588_CLOCK_TARGET_SEC_x) and the 1588 Clock Target x NanoSec-
onds Register (1588_CLOCK_TARGET_NS_x) so they can be read.
Writing a zero to this bit has no affect.
WO
SC
0b
12:9
1588 Manual Capture Select 3-0 (1588_MANUAL_CAPTURE_SEL[3:0])
These bits specify which GPIO 1588 Clock Capture Registers are used
during a manual capture. Bit 3 selects the rising edge (0) or falling edge (1)
registers. Bits 2-0 select the GPIO number.
Note:
All 8 GPIO register sets are available.
R/W
0000b
8
1588 Manual Capture (1588_MANUAL_CAPTURE)
Writing a one to this bit causes the current value of the 1588 clock to be
saved into the GPIO 1588 Clock Capture Registers specified above.
The corresponding bit in the 1588 Interrupt Status Register (1588_INT_STS)
is also set.
Writing a zero to this bit has no affect.
WO
SC
0b
7
Clock Temporary Rate (1588_CLOCK_TEMP_RATE)
Writing a one to this bit enables the use of the temporary clock rate adjust-
ment specified in the 1588 Clock Temporary Rate Adjustment Register
(1588_CLOCK_TEMP_RATE_ADJ) for the duration specified in the 1588
Clock Temporary Rate Duration Register (1588_CLOCK_TEMP_RATE_DU-
RATION).
Writing a zero to this bit has no affect.
WO
SC
0b
6
Clock Step NanoSeconds (1588_CLOCK_STEP_NANOSECONDS)
Writing a one to this bit adds the value of the Clock Step Adjustment Value
(1588_CLOCK_STEP_ADJ_VALUE) field in the 1588 Clock Step Adjustment
Register (1588_CLOCK_STEP_ADJ) to the nanoseconds portion of the 1588
Clock.
Writing a zero to this bit has no affect.
WO
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com