Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 321 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 321 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 317Page - Microchip Technology LAN9250 Datasheet HTML 318Page - Microchip Technology LAN9250 Datasheet HTML 319Page - Microchip Technology LAN9250 Datasheet HTML 320Page - Microchip Technology LAN9250 Datasheet HTML 321Page - Microchip Technology LAN9250 Datasheet HTML 322Page - Microchip Technology LAN9250 Datasheet HTML 323Page - Microchip Technology LAN9250 Datasheet HTML 324Page - Microchip Technology LAN9250 Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 321
LAN9250
14.8.2
1588 GENERAL CONFIGURATION REGISTER (1588_GENERAL_CONFIG)
Offset:
104h
Size:
32 bits
Bank:
na
Bits
Description
Type
Default
31:19
RESERVED
RO
-
18:17
RESERVED
RO
-
16
Time-Stamp Unit Enable (TSU_ENABLE)
This bit enables the receive and transmit functions of the time-stamp unit.
The 1588 Enable (1588_ENABLE) bit in 1588 Command and Control Regis-
ter (1588_CMD_CTL) bit must also be set.
Note:
The host S/W must not change this bit while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
1b
15
GPIO 1588 Timer Interrupt B Clear Enable
(GPIO_1588_TIMER_INT_B_CLEAR_EN)
This bit enables the selected GPIO to clear the 1588_TIMER_INT_B bit of
the 1588 Interrupt Status Register (1588_INT_STS).
The GPIO input is selected using the GPIO 1588 Timer Interrupt B Clear
Select (GPIO_1588_TIMER_INT_B_CLEAR_SEL[2:0]) bits in this register.
The polarity of the GPIO input is determined by GPIO Interrupt/1588 Polarity
2-0 (GPIO_POL[2:0]) in the General Purpose I/O Configuration Register
(GPIO_CFG).
Note:
The GPIO must be configured as an input for this function to
operate. For the clear function, GPIO inputs are edge sensitive and
must be active for greater than 40 ns to be recognized.
R/W
0b
14:12
GPIO 1588 Timer Interrupt B Clear Select
(GPIO_1588_TIMER_INT_B_CLEAR_SEL[2:0])
These bits determine which GPIO is used to clear the 1588 Timer Interrupt B
(1588_TIMER_INT_B) bit of the 1588 Interrupt Status Register
(1588_INT_STS).
Note:
The IEEE 1588 Unit supports 3 GPIO signals.
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com