Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 370 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 370 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 366Page - Microchip Technology LAN9250 Datasheet HTML 367Page - Microchip Technology LAN9250 Datasheet HTML 368Page - Microchip Technology LAN9250 Datasheet HTML 369Page - Microchip Technology LAN9250 Datasheet HTML 370Page - Microchip Technology LAN9250 Datasheet HTML 371Page - Microchip Technology LAN9250 Datasheet HTML 372Page - Microchip Technology LAN9250 Datasheet HTML 373Page - Microchip Technology LAN9250 Datasheet HTML 374Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 421 page
background image
LAN9250
DS00001913A-page 370
 2015 Microchip Technology Inc.
14.8.41
1588 PORT TX MESSAGE HEADER REGISTER (1588_TX_MSG_HEADER)
This read only register contains the TX message header. Up to four captures are buffered.
Note:
Values are only valid if the 1588 TX Timestamp Count (1588_TX_TS_CNT[2:0]) field indicates that at least
one timestamp is available.
Note:
Port and GPIO registers share a common address space. Port registers are selected by the Bank Select
(BANK_SEL[2:0] in the 1588 Bank Port GPIO Select Register (1588_BANK_PORT_GPIO_SEL).
Offset:
174h
Size:
32 bits
Bank:
2
Bits
Description
Type
Default
31:20
Source Port Identity CRC (SRC_PRT_CRC)
This field contains the 12-bit CRC of the sourcePortIdentity field of the trans-
mitted PTP packet.
RO
000h
19:16
Message Type (MSG_TYPE)
This field contains the messageType field of the transmitted PTP packet.
RO
0h
15:0
Sequence ID (SEQ_ID)
This field contains the sequenceId field of the transmitted PTP packet.
RO
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com