Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 396 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 396 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 392Page - Microchip Technology LAN9250 Datasheet HTML 393Page - Microchip Technology LAN9250 Datasheet HTML 394Page - Microchip Technology LAN9250 Datasheet HTML 395Page - Microchip Technology LAN9250 Datasheet HTML 396Page - Microchip Technology LAN9250 Datasheet HTML 397Page - Microchip Technology LAN9250 Datasheet HTML 398Page - Microchip Technology LAN9250 Datasheet HTML 399Page - Microchip Technology LAN9250 Datasheet HTML 400Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 421 page
background image
LAN9250
DS00001913A-page 396
 2015 Microchip Technology Inc.
Note 2:
The default value of this field is determined by the configuration strap auto_mdix_strap_1. See Section 6.3,
"Power Management," on page 44 for more information.
19:16
TX FIFO Size (TX_FIF_SZ)
This field sets the size of the TX FIFOs in 1KB values to a maximum of 14KB.
The TX Status FIFO consumes 512 bytes of the space allocated by TX_FIF_-
SIZ, and the TX Data FIFO consumes the remaining space specified by
TX_FIF_SZ. The minimum size of the TX FIFOs is 2KB (TX Data FIFO and
Status FIFO combined). The TX Data FIFO is used for both TX data and TX
commands.
The RX Status and Data FIFOs consume the remaining space, which is
equal to 16KB minus TX_FIF_SIZ. See section Section 11.10.3, "FIFO Mem-
ory Allocation Configuration," on page 157 for more information.
R/W
5h
15:14
RESERVED
RO
-
13:12
RESERVED - This field must be written with 00b for proper operation.
R/W
00b
11:0
RESERVED
RO
-
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com