Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 166 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 166 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 162Page - Dallas Semiconductor DS26401 Datasheet HTML 163Page - Dallas Semiconductor DS26401 Datasheet HTML 164Page - Dallas Semiconductor DS26401 Datasheet HTML 165Page - Dallas Semiconductor DS26401 Datasheet HTML 166Page - Dallas Semiconductor DS26401 Datasheet HTML 167Page - Dallas Semiconductor DS26401 Datasheet HTML 168Page - Dallas Semiconductor DS26401 Datasheet HTML 169Page - Dallas Semiconductor DS26401 Datasheet HTML 170Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
166
Register Name:
RLS1
Register Description:
Receive Latched Status Register 1
Register Address:
090h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
RRAIC
RAISC
RLOSC
RLOFC
RRAID
RAISD
RLOSD
RLOFD
Default
0
0
0
0
0
0
0
0
All bits in this register are latched and can create interrupts.
Bit 0 / Receive Loss of Frame Condition Detect (RLOFD).
Change of state indication that the DS26401 has lost
synchronized to the received data stream (rising edge detect of RLOF).
Bit 1 / Receive Loss of Signal Condition Detect (RLOSD).
Change of state indication. Set when 255 (or 2048 if
RCR2.0 = 1) consecutive zeros have been detected at RPOS and RNEG (rising edge detect of RLOS).
Bit 2 / Receive AIS Condition Detect (RAISD).
Change of state indication. Set when an unframed all one’s code is
received at RPOS and RNEG (rising edge detect of RAIS).
Bit 3 / Receive Remote Alarm Condition Detect (RRAID).
Change of state indication. Set when a remote alarm is
received at RPOS and RNEG (rising edge detect of RRAI).
Bit 4 / Receive Loss of Frame Condition Clear (RLOFC).
Change of state indication. Set when an RLOF
condition has cleared (falling edge detect of RLOF).
Bit 5 / Receive Loss of Signal Condition Clear (RLOSC).
Change of state indication. Set when an RLOS
condition has cleared (falling edge detect of RLOS).
Bit 6 / Receive AIS Condition Clear (RAISC).
Change of state indication. Set when a RAIS condition has cleared
(falling edge detect of RAIS).
Bit 7 / Receive Remote Alarm Condition Clear (RRAIC).
Change of state indication. Set when a RRAI condition
has cleared (falling edge detect of RRAI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com