Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 165 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 165 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 161Page - Dallas Semiconductor DS26401 Datasheet HTML 162Page - Dallas Semiconductor DS26401 Datasheet HTML 163Page - Dallas Semiconductor DS26401 Datasheet HTML 164Page - Dallas Semiconductor DS26401 Datasheet HTML 165Page - Dallas Semiconductor DS26401 Datasheet HTML 166Page - Dallas Semiconductor DS26401 Datasheet HTML 167Page - Dallas Semiconductor DS26401 Datasheet HTML 168Page - Dallas Semiconductor DS26401 Datasheet HTML 169Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
165
Table 10-2. E1 Alarm Criteria
ALARM
SET CRITERIA
CLEAR CRITERIA
ITU
SPEC.
RLOF
An RLOF condition exist on power up prior to
initial synchronization, when a resync criteria
has been met, or when a manual resync has
been initiated via RCR1.0
RLOS
255 or 2048 consecutive zeros received as
determined by RCR2.0
In 255-bit times, at least 32 ones
are received
G.775/G.962
RRAI
Bit 3 of non-align frame set to one for three
consecutive occasions
Bit 3 of non-align frame set to zero
for three consecutive occasions
O.162
RAIS
Fewer than three zeros in two frames (512 bits)
More than two zeros in two frames
(512 bits)
O.162
RDMA
Bit 6 of time slot 16 in frame 0 has been set for
two consecutive multiframes
V52LNK
2 out of 3 Sa7 bits are zero
G.965
Register Name:
RRTS1
Register Description:
Receive Real-Time Status Register 1
Register Address:
0B0h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
RRAI
RAIS
RLOS
RLOF
Default
0
0
0
0
0
0
0
0
All bits in this register are real-time (not latched).
Bit 0 / Receive Loss of Frame Condition (RLOF).
Set when the DS26401 is not synchronized to the received data
stream.
Bit 1 / Receive Loss of Signal Condition (RLOS).
Set when 255 (or 2048 if RCR2.0 = 1) consecutive zeros have
been detected at RPOS and RNEG.
Bit 2 / Receive Alarm Indication Signal Condition (RAIS).
Set when an unframed all one’s code is received at
RPOS and RNEG.
Bit 3 / Receive Remote Alarm Indication Condition (RRAI).
Set when a remote alarm is received at RPOS and
RNEG.
Bits 4 to 7 / Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com