Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 169 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 169 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 165Page - Dallas Semiconductor DS26401 Datasheet HTML 166Page - Dallas Semiconductor DS26401 Datasheet HTML 167Page - Dallas Semiconductor DS26401 Datasheet HTML 168Page - Dallas Semiconductor DS26401 Datasheet HTML 169Page - Dallas Semiconductor DS26401 Datasheet HTML 170Page - Dallas Semiconductor DS26401 Datasheet HTML 171Page - Dallas Semiconductor DS26401 Datasheet HTML 172Page - Dallas Semiconductor DS26401 Datasheet HTML 173Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
169
Register Name:
RIM2
Register Description:
Receive Interrupt Mask Register 2
Register Address:
0A1h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
RSA1
RSA0
RCMF
RAF
Default
0
0
0
0
0
0
0
0
Bit 0 / Receive Align Frame Event (RAF)
0 = interrupt masked
1 = interrupt enabled
Bit 1 / Receive CRC4 Multiframe Event (RCMF)
0 = interrupt masked
1 = interrupt enabled
Bit 2 / Receive Signaling All Zeros Event (RSA0)
0 = interrupt masked
1 = interrupt enabled
Bit 3 / Receive Signaling All Ones Event (RSA1)
0 = interrupt masked
1 = interrupt enabled
Bits 4 to 7 / Unused. Must be set = 0 for proper operation.
Register Name:
RRTS3
Register Description:
Receive Real-Time Status Register 3
Register Address:
0B2h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
LORC
—
V52LNK
RDMA
Default
0
0
0
0
0
0
0
0
All bits in this register are real-time (not latched).
Bit 0 / Receive Distant MF Alarm Condition (RDMA).
Set when bit-6 of time slot 16 in frame 0 has been set for
two consecutive multiframes. This alarm is not disabled in the CCS signaling mode.
Bit 1 / V5.2 Link Detected Condition (V52LNK).
Set on detection of a V5.2 link identification signal. (G.965).
Bits 2, 4 to 7 / Unused.
Bit 3 / Loss of Receive Clock Condition (LORC).
Set when the RCLK pin has not transitioned for one channel
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com