Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 172 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 172 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 168Page - Dallas Semiconductor DS26401 Datasheet HTML 169Page - Dallas Semiconductor DS26401 Datasheet HTML 170Page - Dallas Semiconductor DS26401 Datasheet HTML 171Page - Dallas Semiconductor DS26401 Datasheet HTML 172Page - Dallas Semiconductor DS26401 Datasheet HTML 173Page - Dallas Semiconductor DS26401 Datasheet HTML 174Page - Dallas Semiconductor DS26401 Datasheet HTML 175Page - Dallas Semiconductor DS26401 Datasheet HTML 176Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
172
Register Name:
RRTS7
Register Description:
Receive Real-Time Status Register 7
Register Address:
062h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
CSC5
CSC4
CSC3
CSC2
CSC0
CRC4SA
CASSA
FASSA
Default
0
0
0
0
0
0
0
0
All bits in this register are real-time (not latched).
Bit 0 / FAS Sync Active (FASSA).
Set while the synchronizer is searching for alignment at the FAS level.
Bit 1 / CAS MF Sync Active (CASSA).
Set while the synchronizer is searching for the CAS MF alignment word.
Bit 2 / CRC4 MF Sync Active (CRC4SA).
Set while the synchronizer is searching for the CRC4 MF alignment
word.
Bits 3 to 7 / CRC4 Sync Counter Bits (CSC0 and CSC2 to CSC4).
The CRC4 Sync Counter increments each
time the 8ms CRC4 multiframe search times out. The counter is cleared when the framer has successfully obtained
synchronization at the CRC4 level. The counter can also be cleared by disabling the CRC4 mode (RCR1.3 = 0).
This counter is useful for determining the amount of time the framer has been searching for synchronization at the
CRC4 level. ITU G.706 suggests that if synchronization at the CRC4 level cannot be obtained within 400ms, then
the search should be abandoned and proper action taken. The CRC4 Sync Counter rolls over. CSC0 is the LSB of
the 6-bit counter. (Note: The next to LSB is not accessible. CSC1 is omitted to allow resolution to >400ms using 5
bits.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com