Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 176 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 176 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 172Page - Dallas Semiconductor DS26401 Datasheet HTML 173Page - Dallas Semiconductor DS26401 Datasheet HTML 174Page - Dallas Semiconductor DS26401 Datasheet HTML 175Page - Dallas Semiconductor DS26401 Datasheet HTML 176Page - Dallas Semiconductor DS26401 Datasheet HTML 177Page - Dallas Semiconductor DS26401 Datasheet HTML 178Page - Dallas Semiconductor DS26401 Datasheet HTML 179Page - Dallas Semiconductor DS26401 Datasheet HTML 180Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
176
Register Name:
ERCNT
Register Description:
Error Counter Configuration Register
Register Address:
086h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
1SECS
MCUS
MECU
ECUS
EAMS
—
—
LCVCRF
Default
0
0
0
0
0
0
0
0
Bit 0 / E1 Line Code Violation Count Register Function Select (LCVCRF)
0 = do not count excessive zeros
1 = count excessive zeros
Bits 1, 2 / Unused. Must be set = 0 for proper operation.
Bit 3 / Error Accumulation Mode Select (EAMS)
0 = ERCNT.4 determines accumulation time (timed update)
1 = ERCNT.5 determines accumulation time (manual update)
Bit 3 / Error Accumulation Mode Select (EAMS)
0 = ERCNT.4 determines accumulation time (timed update)
1 = ERCNT.5 determines accumulation time (manual update)
Bit 4 / Error Counter Update Select (ECUS)
T1 mode:
0 = Update error counters once a second
1 = Update error counters every 42ms (336 frames)
E1 mode:
0 = Update error counters once a second
1 = Update error counters every 62.5ms (500 frames)
Bit 5 / Manual Error Counter Update (MECU).
When enabled by ERCNT.3, the changing of this bit from a 0 to a 1
allows the next clock cycle to load the error counter registers with the latest counts and reset the counters. The user
must wait a minimum of 250
ms before reading the error count registers to allow for proper update.
Bit 6 / Manual Counter Update Select (MCUS).
When manual update mode is enabled with EAMS, this bit can
be used to allow the GLCE bit in GCR1 to latch all counters. Useful for synchronously latching counters of multiple
framers.
0 = MECU is used to manually latch counters.
1 = GLCE is used to manually latch counters.
Bit 7 / One-Second Select (1SECS).
When timed update is enabled by EAMS, setting this bit for a specific framer
will allow that framer’s counters to latch on the one-second reference from framer #1. Note that this bit should
always be clear for framer #1.
0 = Use internally generated one-second timer.
1 = Use 1 second timer from framer #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com