Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 178 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 178 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 174Page - Dallas Semiconductor DS26401 Datasheet HTML 175Page - Dallas Semiconductor DS26401 Datasheet HTML 176Page - Dallas Semiconductor DS26401 Datasheet HTML 177Page - Dallas Semiconductor DS26401 Datasheet HTML 178Page - Dallas Semiconductor DS26401 Datasheet HTML 179Page - Dallas Semiconductor DS26401 Datasheet HTML 180Page - Dallas Semiconductor DS26401 Datasheet HTML 181Page - Dallas Semiconductor DS26401 Datasheet HTML 182Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
178
10.8.2 E1 Path Code Violation Count Register (PCVCR)
In E1 operation, the Path Code Violation Count register records CRC4 errors. Since the maximum CRC4 count in a
one-second period is 1000, this counter cannot saturate. The counter is disabled during loss of sync at either the
FAS or CRC4 level; it will continue to count if loss of multiframe sync occurs at the CAS level.
The Path Code Violation Count Register 1 (PCVCR1) is the most significant word and PCVCR2 is the least
significant word of a 16-bit counter that records path violations (PVs).
Register Name:
PCVCR1
Register Description:
Path Code Violation Count Register 1
Register Address:
052h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
PCVC15
PCVC14 PCVC13 PCVC12 PCVC11 PCVC10
PCVC9
PCVC8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7 / Path Code Violation Counter Bits 8 to 15 (PCVC8 to PCVC15).
PCVC15 is the MSB of the 16-bit
path code violation count.
Register Name:
PCVCR2
Register Description:
Path Code Violation Count Register 2
Register Address:
053h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
PCVC7
PCVC6
PCVC5
PCVC4
PCVC3
PCVC2
PCVC1
PCVC0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7 / Path Code Violation Counter Bits 0 to 7 (PCVC0 to PCVC7).
PCVC0 is the LSB of the 16-bit path
code violation count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com