Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 175 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 175 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 171Page - Dallas Semiconductor DS26401 Datasheet HTML 172Page - Dallas Semiconductor DS26401 Datasheet HTML 173Page - Dallas Semiconductor DS26401 Datasheet HTML 174Page - Dallas Semiconductor DS26401 Datasheet HTML 175Page - Dallas Semiconductor DS26401 Datasheet HTML 176Page - Dallas Semiconductor DS26401 Datasheet HTML 177Page - Dallas Semiconductor DS26401 Datasheet HTML 178Page - Dallas Semiconductor DS26401 Datasheet HTML 179Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
175
10.8 E1 Error Count Registers
The DS26401 contains four counters that are used to accumulate line coding errors, path errors, and
synchronization errors. Counter update options include one-second boundaries, 42ms (T1 mode only), 62.5ms (E1
mode only), or manually. See Error Counter Configuration Register (ERCNT). When updated automatically, the
user can use the interrupt from the timer to determine when to read these registers. All four counters will saturate at
their respective maximum counts and they will not rollover. The Line-Code Violation Count Register has the
potential to saturate, but the bit error would have to exceed 10E-2 before this would occur. All other counters will
roll over.
Several options are available for latching the performance counters:
1) Each framer’s counters are latched independently based on independent one-second interval timers.
2) Each framer’s counters are latched independently based on independent 62.5ms interval timers.
3) Each framer’s counters are latched independently with a low to high transition on the respective MECU control
bit.
4) Counters from selected framers are latched synchronously at the one-second interval supplied by framer_#1.
5) Counters from selected framers are synchronously latched manually with the Global Counter Latch Enable
(GCLE) bit in GCR1.
The following table shows configuration bit settings in the ERCNT register for each of the 5 modes mentioned
above:
Control Bit
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
EAMS
0
0
1
0
1
ECUS
0
1
X
0
0
MECU
0
0
0 to 1
0
0
MCUS
0
0
0
0
1
1SECS
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com