Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 173 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 173 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 169Page - Dallas Semiconductor DS26401 Datasheet HTML 170Page - Dallas Semiconductor DS26401 Datasheet HTML 171Page - Dallas Semiconductor DS26401 Datasheet HTML 172Page - Dallas Semiconductor DS26401 Datasheet HTML 173Page - Dallas Semiconductor DS26401 Datasheet HTML 174Page - Dallas Semiconductor DS26401 Datasheet HTML 175Page - Dallas Semiconductor DS26401 Datasheet HTML 176Page - Dallas Semiconductor DS26401 Datasheet HTML 177Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
173
Register Name:
RLS4
Register Description:
Receive Latched Status Register 4
Register Address:
093h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
RESF
RESEM
RSLIP
—-
RSCOS
1SEC
TIMER
RMF
Default
0
0
0
0
0
0
0
0
All bits in this register are latched. There is no associated real-time register.
Bit 0 / Receive Multiframe Event (RMF).
Set every 2.0ms on receive CAS multiframe boundaries to alert host the
signaling data is available. Continues to set on an arbitrary 2.0ms boundary when CAS signaling is not enabled.
Bit 1 / Timer Event (TIMER).
Follows the error counter update interval as determined by the ECUS bit in the Error
Counter Configuration Register (ERCNT).
T1: Set on increments of 1 second or 42ms based on RCLK.
E1: Set on increments of 1 second or 62.5ms based on RCLK.
Bit 2 / One-Second Timer (1SEC).
Set on every one-second interval based on RCLK.
Bit 3 / Receive Signaling Change Of State Event (RSCOS).
Set when any channel selected by the Receive
Signaling Change Of State Interrupt Enable registers (RSCSE1 through RSCSE3), changes signaling state.
Bit 4 / Unused
Bit 5 / Receive Elastic Store Slip Occurrence Event (RSLIP).
Set when the receive elastic store has either
repeated or deleted a frame.
Bit 6 / Receive Elastic Store Empty Event (RESEM).
Set when the receive elastic store buffer empties and a
frame is repeated.
Bit 7 / Receive Elastic Store Full Event (RESF).
Set when the receive elastic store buffer fills and a frame is
deleted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com