Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 182 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 182 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 178Page - Dallas Semiconductor DS26401 Datasheet HTML 179Page - Dallas Semiconductor DS26401 Datasheet HTML 180Page - Dallas Semiconductor DS26401 Datasheet HTML 181Page - Dallas Semiconductor DS26401 Datasheet HTML 182Page - Dallas Semiconductor DS26401 Datasheet HTML 183Page - Dallas Semiconductor DS26401 Datasheet HTML 184Page - Dallas Semiconductor DS26401 Datasheet HTML 185Page - Dallas Semiconductor DS26401 Datasheet HTML 186Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
182
10.10 E1 Receive Signaling Operation
There are two methods to access receive signaling data—processor-based (i.e., software-based) or hardware
based. Processor-based refers to access through the transmit and receive signaling registers, RS1–RS16.
Hardware-based refers to the RSIG pin. Both methods can be used simultaneously.
10.10.1 Processor-Based Signaling
Signaling data is sampled in the receive data stream and copied into the receive signaling registers, RS1 through
RS16.. The signaling information in these registers is always updated on multiframe boundaries. This function is
always enabled.
10.10.2 Change Of State
In order to avoid constantly monitoring of the receive signaling registers the DS26401 can be programmed to alert
the host when any specific channel or channels undergo a change of their signaling state. RSCSE1 through
RSCSE4 for E1 are used to select which channels can cause a change of state indication. The change of state is
indicated in Latched Status Register 4 (RLS4.3). If signaling integration is enabled then the new signaling state
must be constant for 3 multiframes before a change of state indication is indicated. The user can enable the INT pin
to toggle low upon detection of a change in signaling by setting the appropriate interrupt mask bit RIM4.3. The
signaling integration mode is global and cannot be enabled on a channel-by-channel basis.
The user can identity which channels have undergone a signaling change of state by reading the Receive Signaling
Status (RSS1 through RSS4) registers. The information from these registers tell the user which RSx register to read
for the new signaling data. All changes are indicated in the RSS1–RSS4 registers regardless of the RSCSE1–
RSCSE4 registers.
10.10.3 Hardware-Based Receive Signaling
In hardware based signaling the signaling data can be obtained from the RSER pin or the RSIG pin. RSIG is a
signaling PCM stream output on a channel-by-channel basis from the signaling buffer. The E1 TS16 signaling data
is still present in the original data stream at RSER. The signaling buffer provides signaling data to the RSIG pin and
also allows signaling data to be re-inserted into the original data stream in a different alignment that is determined
by a multiframe signal from the RSYNC pin. In this mode, the receive elastic store may be enabled or disabled. If
the receive elastic store is enabled, then the backplane clock (RSYSCLK) can be either 1.544 MHz or 2.048MHz. If
IBO mode is enabled then RSYSCLK may also be 4.096MHz, 8.192MHz, or 16.384MHz. The ABCD signaling bits
are output on RSIG in the lower nibble of each channel. The RSIG data is updated once per CAS multiframe (2ms)
unless a freeze is in effect. See the timing diagrams in Section 13.4 for some examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com