Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 185 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 185 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 181Page - Dallas Semiconductor DS26401 Datasheet HTML 182Page - Dallas Semiconductor DS26401 Datasheet HTML 183Page - Dallas Semiconductor DS26401 Datasheet HTML 184Page - Dallas Semiconductor DS26401 Datasheet HTML 185Page - Dallas Semiconductor DS26401 Datasheet HTML 186Page - Dallas Semiconductor DS26401 Datasheet HTML 187Page - Dallas Semiconductor DS26401 Datasheet HTML 188Page - Dallas Semiconductor DS26401 Datasheet HTML 189Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
185
Register Name:
RS1 to RS16
Register Description:
Receive Signaling Registers
Register Address:
040h to 04Fh [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
The Receive Signaling Registers are frozen and not updated during a loss of sync condition.They contain the most
recent signaling information before the LOF occurred.
(MSB)
(LSB)
0
0
0
0
X
Y
X
X
RS1
CH1-A
CH1-B
CH1-C
CH1-D
CH16-A
CH16-B
CH16-C
CH16-D
RS2
CH2-A
CH2-B
CH2-C
CH2-D
CH17-A
CH17-B
CH17-C
CH17-D
RS3
CH3-A
CH3-B
CH3-C
CH3-D
CH18-A
CH18-B
CH18-C
CH18-D
RS4
CH4-A
CH4-B
CH4-C
CH4-D
CH19-A
CH19-B
CH19-C
CH19-D
RS5
CH5-A
CH5-B
CH5-C
CH5-D
CH20-A
CH20-B
CH20-C
CH20-D
RS6
CH6-A
CH6-B
CH6-C
CH6-D
CH21-A
CH21-B
CH21-C
CH21-D
RS7
CH7-A
CH7-B
CH7-C
CH7-D
CH22-A
CH22-B
CH22-C
CH22-D
RS8
CH8-A
CH8-B
CH8-C
CH8-D
CH23-A
CH23-B
CH23-C
CH23-D
RS9
CH9-A
CH9-B
CH9-C
CH9-D
CH24-A
CH24-B
CH24-C
CH24-D
RS10
CH10-A
CH10-B
CH10-C
CH10-D
CH25-A
CH25-B
CH25-C
CH25-D
RS11
CH11-A
CH11-B
CH11-C
CH11-D
CH26-A
CH26-B
CH26-C
CH26-D
RS12
CH12-A
CH12-B
CH12-C
CH12-D
CH27-A
CH27-B
CH27-C
CH27-D
RS13
CH13-A
CH13-B
CH13-C
CH13-D
CH28-A
CH28-B
CH28-C
CH28-D
RS14
CH14-A
CH14-B
CH14-C
CH14-D
CH29-A
CH29-B
CH29-C
CH29-D
RS15
CH15-A
CH15-B
CH15-C
CH15-D
CH30-A
CH30-B
CH30-C
CH30-D
RS16
Register Name:
RSS1, RSS2, RSS3, RSS4
Register Description:
Receive Signaling Status Registers
Register Address:
098h, 099h, 09Ah, 09ABh [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
When a channel’s signaling data changes state, the respective bit in registers RSS1-RSS4 will be set and latched.
The RSCOS bit (RLSR4.3) will be set if the channel was also enabled by setting the appropriate bit in RSCSE1-4.
The INT signal will go low if enabled by the interrupt mask bit RIM4.3. The bit will remain set until read. Note that in
CAS mode, the LSB of RSS1 would typically represent the CAS alignment bits, and the LSB of RSS3 represents
reserved bits and the distant multiframe alarm.
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1*
RSS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RSS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17*
RSS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
RSS4
Status bits in this register are latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com