Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 189 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 189 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 185Page - Dallas Semiconductor DS26401 Datasheet HTML 186Page - Dallas Semiconductor DS26401 Datasheet HTML 187Page - Dallas Semiconductor DS26401 Datasheet HTML 188Page - Dallas Semiconductor DS26401 Datasheet HTML 189Page - Dallas Semiconductor DS26401 Datasheet HTML 190Page - Dallas Semiconductor DS26401 Datasheet HTML 191Page - Dallas Semiconductor DS26401 Datasheet HTML 192Page - Dallas Semiconductor DS26401 Datasheet HTML 193Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
189
10.13 Receive Elastic Stores Operation
The DS26401 contains dual two-frame elastic stores, one for the receive direction, and one for the transmit
direction. Both elastic stores are fully independent. The transmit and receive side elastic stores can be
enabled/disabled independent of each other. Also, each elastic store can interface to either a 1.544MHz or
2.048/4.096/8.192/16.384MHz backplane without regard to the backplane rate of the other elastic store.
The elastic stores have two main purposes. First, they can be used for rate conversion. When the DS26401 is in
the T1 mode, the elastic stores can rate convert the T1 data stream to a 2.048MHz backplane. In E1 mode, the
elastic store can rate convert the E1 data stream to a 1.544MHz backplane. Secondly, they can be used to absorb
the differences in frequency and phase between the T1 or E1 data stream and an asynchronous (i.e., not locked)
backplane clock (which can be 1.544MHz or 2.048MHz). In this mode, the elastic stores will manage the rate
difference and perform controlled slips, deleting or repeating frames of data in order to manage the difference
between the network and the backplane.
If the elastic store is enabled, then either CAS or CRC4 multiframe boundaries will be indicated via the RMSYNC
output as controlled by the RSMS2 control bit (RIOCR.1). If the user selects to apply a 1.544 MHz clock to the
RSYSCLK pin, then the RBCS registers will determine which channels of the received E1 data stream will be
deleted. In this mode an F-bit location is inserted into the RSER data and set to one. Also, in 1.544 MHz
applications, the RCHBLK output will not be active in Channels 25 through 32 (or in other words, RCBR4 is not
active). If the two-frame elastic buffer either fills or empties, a controlled slip will occur. If the buffer empties, then a
full frame of data will be repeated at RSER and the RLS4.5 and RLS4.6 bits will be set to a one. If the buffer fills,
then a full frame of data will be deleted and the RLS4.5 and RLS4.7 bits will be set to a one.
The elastic stores can also be used to multiplex T1 or E1 data streams into higher backplane rates. This is the
Interleave Bus Option (IBO) which is discussed in Section 10.17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com