Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 191 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 191 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 187Page - Dallas Semiconductor DS26401 Datasheet HTML 188Page - Dallas Semiconductor DS26401 Datasheet HTML 189Page - Dallas Semiconductor DS26401 Datasheet HTML 190Page - Dallas Semiconductor DS26401 Datasheet HTML 191Page - Dallas Semiconductor DS26401 Datasheet HTML 192Page - Dallas Semiconductor DS26401 Datasheet HTML 193Page - Dallas Semiconductor DS26401 Datasheet HTML 194Page - Dallas Semiconductor DS26401 Datasheet HTML 195Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
191
10.13.1 Mapping E1 Channels Onto a 1.544MHz Backplane
The user can use the RSCLKM bit in RIOCR.4 to enable the receive elastic store to operate with a 1.544MHz
backplane (24 channels / frame + F-bit). In this mode, the user can chose which of the E1 time slots will be ignored
(not transmitted onto RSER) by programming the Receive Blank Channel Select registers (RBCS1-4). A logic 1 in
the associated bit location will cause the DS26401 elastic store to ignore the incoming E1 data for that channel.
Typically the user will want to program eight channels to be ignored. The default (power-up) configuration will ignore
channels 25 to 32, so that the first 24 E1 channels are mapped into the 24 channels of the 1.544MHz backplane. In
this mode the F-bit location at RSER is always set to 1.
For example, if the user wants to ignore E1 time slots 0 (channel 1) and ts 16 (channel 17), the RBCS registers
would be programmed as follows:
RBCS1 = 01h
RBCS2 = 00h
RBCS3 = 01h
RBCS4 = FCh
Register Name:
RBCS1, RBCS2, RBCS3, RBCS4
Register Description:
Receive Blank Channel Select Registers
Register Address:
0C0h, 0C1h, 0C2h, 0C3h
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RBCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RBCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RBCS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
RBCS4
Bits 0 to 7 / Receive Blank Channel Select for Channels 1 to 32 (RBCS1 to 32)
0 = do not ignore this channel (send to RSER)
1 = ignore this E1 channel (do not send to RSER)
Note that when two or more sequential channels are chosen to be ignored, the receive slip zone select bit should be
set to zero. If the ignore channels are distributed (such as 1, 5, 9, 13, 17, 21, 25, 29), then the RSZS bit can be set
to one, which may provide a lower occurrence of slips in certain applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com