Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 188 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 188 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 184Page - Dallas Semiconductor DS26401 Datasheet HTML 185Page - Dallas Semiconductor DS26401 Datasheet HTML 186Page - Dallas Semiconductor DS26401 Datasheet HTML 187Page - Dallas Semiconductor DS26401 Datasheet HTML 188Page - Dallas Semiconductor DS26401 Datasheet HTML 189Page - Dallas Semiconductor DS26401 Datasheet HTML 190Page - Dallas Semiconductor DS26401 Datasheet HTML 191Page - Dallas Semiconductor DS26401 Datasheet HTML 192Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
188
10.12 Receive Channel Blocking Operation
The Receive Channel blocking Registers (RCBR1 / RCBR2 / RCBR3 / RCBR4) and the Transmit Channel Blocking
Registers (TCBR1 / TCBR2 / TCBR3 / TCBR4) control the RCHBLK and TCHBLK pins respectively. The RCHBLK
and TCHBLK pins are user programmable outputs that can be forced high or low during individual channels. These
outputs can be used to block clocks to a USART or LAPD controller in ISDN–PRI applications. When the
appropriate bits are set to a one, the RCHBLK and TCHBLK pin will be held high during the entire corresponding
channel time.
Register Name:
RCBR1, RCBR2, RCBR3, RCBR4
Register Description:
Receive Channel Blocking Registers
Register Address:
0C4h, 0C5h, 0C6h, 0C7h [+ (200h x n) : where n = 0 to 7, for Ports
1 to 8]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RCBR1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RCBR2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RCBR3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
RCBR4
Bits 0 to 7 / Receive Channels 1 to 32 Channel Blocking Control Bits (CH1 to CH32)
0 = force the RCHBLK pin to remain low during this channel time
1 = force the RCHBLK pin high during this channel time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com