Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 190 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 190 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 186Page - Dallas Semiconductor DS26401 Datasheet HTML 187Page - Dallas Semiconductor DS26401 Datasheet HTML 188Page - Dallas Semiconductor DS26401 Datasheet HTML 189Page - Dallas Semiconductor DS26401 Datasheet HTML 190Page - Dallas Semiconductor DS26401 Datasheet HTML 191Page - Dallas Semiconductor DS26401 Datasheet HTML 192Page - Dallas Semiconductor DS26401 Datasheet HTML 193Page - Dallas Semiconductor DS26401 Datasheet HTML 194Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
190
Register Name:
RESCR
Register Description:
Receive Elastic Store Control Register
Register Address:
085h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
RDATFMT
RGCLKEN
—
RSZS
RESALGN
RESR
RESMDM
RESE
Default
0
0
0
0
0
0
0
0
Bit 0 / Receive Elastic Store Enable (RESE)
0 = elastic store is bypassed
1 = elastic store is enabled
Bit 1 / Receive Elastic Store Minimum Delay Mode (RESMDM)
0 = elastic stores operate at full two frame depth
1 = elastic stores operate at 32-bit depth
Bit 2 / Receive Elastic Store Reset (RESR).
Setting this bit from a zero to a one will force the read pointer into the
same frame that the write pointer is exiting, minimizing the delay through the elastic store. If this command should
place the pointers within the slip zone (see bit 4), then an immediate slip will occur and the pointers will move back
to opposite frames. Should be toggled after RSYSCLK has been applied and is stable. Do not leave this bit set
HIGH.
Bit 3 / Receive Elastic Store Align (RESALGN).
Setting this bit from a zero to a one will force the receive elastic
store’s write/read pointers to a minimum separation of half a frame. No action will be taken if the pointer separation
is already greater or equal to half a frame. If pointer separation is less than half a frame, the command will be
executed and the data will be disrupted. Should be toggled after RSYSCLK has been applied and is stable. Must
be cleared and set again for a subsequent align.
Bit 4 / Receive Slip Zone Select (RSZS).
This bit determines the minimum distance allowed between the elastic
store read and write pointers before forcing a controlled slip. This bit is only applies during T1 to E1 or E1 to T1
conversion applications.
0 = force a slip at 9 bytes or less of separation (used for clustered blank channels)
1 = force a slip at 2 bytes or less of separation (used for distributed blank channels)
Bit 5 / Unused. Must be set = 0 for proper operation.
Bit 6 / Receive Gapped Clock Enable (RGPCKEN)
0 = RCHCLK functions normally
1 = Enable gapped bit clock output on RCHCLK
Bit 7 / Receive Channel Data Format (RDATFMT)
0 = 64kbps (data contained in all 8 bits)
1 = 56kbps (data contained in 7 out of the 8 bits)
RGPCKEN and RDATFMT are not associated with the elastic store and will be explained in the fractional support
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com