Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 194 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 194 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 190Page - Dallas Semiconductor DS26401 Datasheet HTML 191Page - Dallas Semiconductor DS26401 Datasheet HTML 192Page - Dallas Semiconductor DS26401 Datasheet HTML 193Page - Dallas Semiconductor DS26401 Datasheet HTML 194Page - Dallas Semiconductor DS26401 Datasheet HTML 195Page - Dallas Semiconductor DS26401 Datasheet HTML 196Page - Dallas Semiconductor DS26401 Datasheet HTML 197Page - Dallas Semiconductor DS26401 Datasheet HTML 198Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
194
10.15 Additional Sa-Bit and Si-Bit Receive Operation (E1 Mode)
When operated in the E1 mode the DS21411 receiver provides extended access to both the Sa and the Si bits.
The RAF and RNAF registers will always report the data as it received in the Sa and Si bit locations. The RAF and
RNAF registers are updated on align frame boundaries. The setting of the Receive Align Frame bit in Latched
Status Register 2 (RLS2.0) will indicate that the contents of the RAF and RNAF have been updated. The host can
use the RLS2.0 bit to know when to read the RAF and RNAF registers. The host has 250
ms to retrieve the data
before it is lost.
Also there are eight registers (RsiAF, RSiNAF, RRA, Rsa4 to Rsa8) that report the Si and Sa bits as they are
received. These registers are updated with the setting of the Receive CRC4 Multiframe bit in Latched Status
Register 2 (RLS2.1). The host can use the RLS2.1 bit to know when to read these registers. The user has 2ms to
retrieve the data before it is lost. Please see the register descriptions below for additional information.
Register Name:
RAF
Register Description:
Receive Align Frame Register
Register Address:
064h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
Si
0
0
1
1
0
1
1
Default
0
0
0
0
0
0
0
0
Bit 0 / Frame Alignment Signal Bit (1)
Bit 1 / Frame Alignment Signal Bit (1)
Bit 2 / Frame Alignment Signal Bit (0)
Bit 3 / Frame Alignment Signal Bit (1)
Bit 4 / Frame Alignment Signal Bit (1)
Bit 5 / Frame Alignment Signal Bit (0)
Bit 6 / Frame Alignment Signal Bit (0)
Bit 7 / International Bit (Si)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com