Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 192 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 192 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 188Page - Dallas Semiconductor DS26401 Datasheet HTML 189Page - Dallas Semiconductor DS26401 Datasheet HTML 190Page - Dallas Semiconductor DS26401 Datasheet HTML 191Page - Dallas Semiconductor DS26401 Datasheet HTML 192Page - Dallas Semiconductor DS26401 Datasheet HTML 193Page - Dallas Semiconductor DS26401 Datasheet HTML 194Page - Dallas Semiconductor DS26401 Datasheet HTML 195Page - Dallas Semiconductor DS26401 Datasheet HTML 196Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
192
10.13.2 Additional E1 Receive Elastic Store Information
If the receive side elastic store is enabled, then the user must provide either a 1.544MHz or 2.048MHz clock at the
RSYSCLK pin. For higher rate system clock applications, see the Interleave Bus Option section. The user has the
option of either providing a frame/multiframe sync at the RSYNC pin or having the RSYNC pin provide a pulse on
frame/multiframe boundaries. If Signaling Reinsertion is enabled, signaling data in TS16 is re-aligned to the
multiframe sync input on RSYNC. Otherwise, a multiframe sync input on RSYNC is treated as a simple frame
boundary by the elastic store. The framer will always indicate frame boundaries on the network side of the elastic
store via the RFSYNC output whether the elastic store is enabled or not. Multiframe boundaries will always be
indicated via the RMSYNC output. If the elastic store is enabled, then RMSYNC will output the multiframe boundary
on the backplane side of the elastic store. When the device is receiving E1 and the backplane is enabled for
1.544MHz operation, the RMSYNC signal will output the E1 multiframe boundaries as delayed through the elastic
store.
10.13.2.1 Elastic Stores Initialization
There are two elastic store initializations that may be used to improve performance in certain applications, Elastic
Store Reset and Elastic Store Align. Both of these involve the manipulation of the elastic store’s read and write
pointers and are useful primarily in synchronous applications (RSYSCLK/TSYSCLK are locked to RCLK/TCLK,
respectively). The elastic store reset is used to minimize the delay through the elastic store. The elastic store align
bit is used to 'center' the read/write pointers to the extent possible.
Elastic Store Delay After Initialization
INITIALIZATION
REGISTER
BIT
DELAY
Receive Elastic Store Reset
RESCR.2
N bytes < Delay < 1 Frame + N bytes
Transmit Elastic Store Reset
TESCR.2
N bytes < Delay < 1 Frame + N bytes
Receive Elastic Store Align
RESCR.3
1/2 Frame < Delay < 1 1/2 Frames
Transmit Elastic Store Align
TESCR.3
1/2 Frame < Delay < 1 1/2 Frames
N = 9 for RSZS = 0
N = 2 for RSZS = 1
10.13.2.2 Minimum Delay Mode
Elastic store minimum delay mode may be used when the elastic store’s system clock is locked to its network clock
(i.e., RCLK locked to RSYSCLK for the receive side and TCLK locked to TSYSCLK for the transmit side). RESCR.1
enable the receive elastic store minimum delay mode. When enabled the elastic stores will be forced to a maximum
depth of 32 bits instead of the normal two-frame depth. This feature is useful primarily in T1 applications that
interface to a 2.048MHz bus. Certain restrictions apply when minimum delay mode is used. In addition to the
restriction mentioned above, RSYNC must be configured as an output when the receive elastic store is in minimum
delay mode and TSYNC must be configured as an output when transmit minimum delay mode is enabled. In a
typical application RSYSCLK and TSYSCLK are locked to RCLK, and RSYNC (frame output mode) is connected to
TSSYNC (frame input mode). All of the slip contention logic in the framer is disabled (since slips cannot occur). On
power-up after the RSYSCLK and TSYSCLK signals have locked to their respective network clock signals, the
elastic store reset bit (RESCR.2) should be toggled from a zero to a one to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com