Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 161 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 161 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 157Page - Dallas Semiconductor DS26401 Datasheet HTML 158Page - Dallas Semiconductor DS26401 Datasheet HTML 159Page - Dallas Semiconductor DS26401 Datasheet HTML 160Page - Dallas Semiconductor DS26401 Datasheet HTML 161Page - Dallas Semiconductor DS26401 Datasheet HTML 162Page - Dallas Semiconductor DS26401 Datasheet HTML 163Page - Dallas Semiconductor DS26401 Datasheet HTML 164Page - Dallas Semiconductor DS26401 Datasheet HTML 165Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
161
Register Name:
RIOCR
Register Description:
Receive I/O Configuration Register
Register Address:
084h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
RCLKINV
RSYNCINV
H100EN
RSCLKM
—
RSIO
RSMS2
RSMS1
Default
0
0
0
0
0
0
0
0
Bit 0 / RSYNC Mode Select 1 (RSMS1).
Selects frame or multiframe pulse when RSYNC pin is in output mode. In
input mode (elastic store must be enabled) multiframe mode is only useful when receive signaling reinsertion is
enabled.
0 = frame mode
1 = multiframe mode
Bit 1 / RSYNC Mode Select 2 (RSMS2)
T1:
RSYNC pin must be programmed in the output frame mode
0 = do not pulse double wide in signaling frames
1 = do pulse double wide in signaling frames
E1:
RSYNC pin must be programmed in the output multiframe mode
0 = RSYNC outputs CAS multiframe boundaries
1 = RSYNC outputs CRC4 multiframe boundaries
Bit 2 / RSYNC I/O Select (RSIO).
(Note: This bit must be set to zero when elastic store is disabled.)
0 = RSYNC is an output
1 = RSYNC is an input (only valid if elastic store enabled)
Bit 3 / Unused. Must be set = 0 for proper operation.
Bit 4 / RSYSCLK Mode Select (RSCLKM)
0 = if RSYSCLK is 1.544MHz
1 = if RSYSCLK is 2.048MHz or IBO enabled
Bit 5 / H.100 SYNC Mode (H100EN).
See Section 10.6.
0 = Normal operation
1 = RSYNC and TSSYNC shifted
Bit 6 / RSYNC Invert (RSYNCINV)
0 = No inversion
1 = Invert RSYNC as either input or output
Bit 7 / RCLK Invert (RCLKINV)
0 = No inversion
1 = Invert RCLK input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com