Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 269 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 269 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 265Page - Dallas Semiconductor DS26401 Datasheet HTML 266Page - Dallas Semiconductor DS26401 Datasheet HTML 267Page - Dallas Semiconductor DS26401 Datasheet HTML 268Page - Dallas Semiconductor DS26401 Datasheet HTML 269Page - Dallas Semiconductor DS26401 Datasheet HTML 270Page - Dallas Semiconductor DS26401 Datasheet HTML 271Page - Dallas Semiconductor DS26401 Datasheet HTML 272Page - Dallas Semiconductor DS26401 Datasheet HTML 273Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
269
Register Name:
BCR3
Register Description:
BERT Control Register 3
Register Address:
2F2h
Bit #
7
6
5
4
3
2
1
0
Name
PL7
PL6
PL5
PL4
PL3
PL2
PL1
PL0
Default
0
0
0
0
0
0
0
0
Bit 0 / Pattern Length Bit 0 (PL0).
Bit 0 of [8:0] end address of repetitive pattern data.
Bit 1 / Pattern Length Bit 1 (PL1).
Bit 1 of [8:0] end address of repetitive pattern data.
Bit 2 / Pattern Length Bit 2 (PL2).
Bit 2 of [8:0] end address of repetitive pattern data.
Bit 3 / Pattern Length Bit 3 (PL3).
Bit 3 of [8:0] end address of repetitive pattern data.
Bit 4 / Pattern Length Bit 4 (PL4).
Bit 4 of [8:0] end address of repetitive pattern data.
Bit 5 / Pattern Length Bit 5 (PL5).
Bit 5 of [8:0] end address of repetitive pattern data.
Bit 6 / Pattern Length Bit 6 (PL6).
Bit 6 of [8:0] end address of repetitive pattern data.
Bit 7 / Pattern Length Bit 7 (PL7).
Bit 7 of [8:0] end address of repetitive pattern data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com