Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 265 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 265 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 261Page - Dallas Semiconductor DS26401 Datasheet HTML 262Page - Dallas Semiconductor DS26401 Datasheet HTML 263Page - Dallas Semiconductor DS26401 Datasheet HTML 264Page - Dallas Semiconductor DS26401 Datasheet HTML 265Page - Dallas Semiconductor DS26401 Datasheet HTML 266Page - Dallas Semiconductor DS26401 Datasheet HTML 267Page - Dallas Semiconductor DS26401 Datasheet HTML 268Page - Dallas Semiconductor DS26401 Datasheet HTML 269Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
265
12.4 Pattern Synchronization
12.4.1 Synchronization
The receiver synchronizes to the same pattern that is being transmitted. The pattern must be error-free when the
synchronizer is on line.
12.4.1.1 Polynomial Synchronization
Synchronization to polynomial patterns takes 50 + n clock cycles, where n is the exponent in the polynomial that
describes the pattern. Once synchronized, any bit that does not match the polynomial is counted as a bit error.
12.4.1.2 Repetitive Pattern Synchronization
Synchronization to repetitive patterns can take several complete repetitions of the entire pattern. The actual sync
time depends on the nature of the pattern and the location of the synchronization pointer. Errors that occur during
synchronization could affect the sync time; at least one complete error-free repetition must be received before
synchronization is declared. Once synchronized, any bit that does not match the pattern that is programmed in the
on-board RAM is counted as a bit error.
12.5 BER Calculation
12.5.1 Counters
The bit counter is active at all times. Once synchronized, the error counters come on line. The receiver has large
48-bit count registers. These counters accumulate for 50,640 hours at the T1 line rate, 1.544MHz, and 38,170
hours at the E1 line rate, 2.048MHz.
To accumulate BER data, the user toggles the LC bit at T = 0. This clears the accumulators and loads the contents
into the count registers. At T = 0, these results should be ignored. At this point, the device is counting bits and bit
errors. At the end of the specified time interval, the user toggles the LC bit again and reads the count registers.
These are the valid results used to calculate a bit-error rate.
12.6 Error Generation
The BERT can insert bit errors at a particular rate by setting the error insertion bits in Control Register 2. Injecting
errors allows users to stress communication links and to check the functionality of error monitoring equipment along
the path. In addition, the device can insert errors on command by setting the SBE bit in Control Register 2. The bit
that occurs after the rising edge of the SBE insert bit is inverted. In the case of the QRSS pattern, this could result in
a string of zeros longer than 14 bits; the DS26104 delays the erred bit by one clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com