Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 267 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 267 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 263Page - Dallas Semiconductor DS26401 Datasheet HTML 264Page - Dallas Semiconductor DS26401 Datasheet HTML 265Page - Dallas Semiconductor DS26401 Datasheet HTML 266Page - Dallas Semiconductor DS26401 Datasheet HTML 267Page - Dallas Semiconductor DS26401 Datasheet HTML 268Page - Dallas Semiconductor DS26401 Datasheet HTML 269Page - Dallas Semiconductor DS26401 Datasheet HTML 270Page - Dallas Semiconductor DS26401 Datasheet HTML 271Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
267
12.7 BERT Control Registers
Register Name:
BCR1
Register Description:
BERT Control Register 1
Register Address:
2F0h
Bit #
7
6
5
4
3
2
1
0
Name
BSYNCE
BRESYNC
LC
LPBK
QRSS
PS
LSB
TL
Default
0
0
0
0
0
0
0
0
Bit 0 / Transmit Load (TL).
A rising edge causes the transmit shift register to be loaded with the seed value.
Bit 1 / LSB/MSB (LSB)
0 = Repetitive Pattern data is transmitted/received MSB first.
1 = Repetitive Pattern data is transmitted/received LSB first.
Bit 2 / Pattern Select (PS)
0 = Pseudorandom pattern.
1 = Repetitive pattern.
Bit 3 / Zero Suppression Select (QRSS).
Forces a 1 into the pattern whenever the next 14 bit positions are all 0s.
Should only be set when using the QRSS pattern.
0 = Disable 14 zero suppression.
1 = Enable 14 zero suppression per T1.403.
Bit 4 / Transmit/Receive Loopback Select (LPBK)
0 = Loop back disabled.
1 = Loop back enabled.
Bit 5 / Latch Count Registers (LC).
A rising edge copies the bit count and bit error count accumulators to the
appropriate registers. The accumulators are then cleared.
Bit 6 / Initiate Manual Resync Process (BRESYNC).
A rising edge causes the device to go out of sync and begin
resynchronization process.
Bit 7 / BERT SYNC Enable (BSYNCE)
0 = Auto resync enabled.
1 = Auto resync disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com