Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 268 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 268 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 264Page - Dallas Semiconductor DS26401 Datasheet HTML 265Page - Dallas Semiconductor DS26401 Datasheet HTML 266Page - Dallas Semiconductor DS26401 Datasheet HTML 267Page - Dallas Semiconductor DS26401 Datasheet HTML 268Page - Dallas Semiconductor DS26401 Datasheet HTML 269Page - Dallas Semiconductor DS26401 Datasheet HTML 270Page - Dallas Semiconductor DS26401 Datasheet HTML 271Page - Dallas Semiconductor DS26401 Datasheet HTML 272Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
268
Register Name:
BCR2
Register Description:
BERT Control Register 2
Register Address:
2F1h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
TINV
RINV
SBE
EIR2
EIR1
EIR0
Default
0
0
0
0
0
0
0
0
Bits 0 to 2 / Error Insert Bits 0 to 2 (EIB0 to EIB2).
Will automatically insert bit errors at the prescribed rate into
the generated data pattern. Can be used for verifying error detection features.
EIB2
EIB1
EIB0
Error Rate Inserted
0
0
0
No errors automatically inserted
0
0
1
10E-1
0
1
0
10E-2
0
1
1
10E-3
1
0
0
10E-4
1
0
1
10E-5
1
1
0
10E-6
1
1
1
10E-7
Bit 3 / Single Bit Error Insert (SBE).
A low-to-high transition creates a single bit error. Must be cleared and set
again for a subsequent bit error to be inserted.
Bit 4 / Receive Invert Data Enable (RINV)
0 = do not invert the incoming data stream
1 = invert the incoming data stream
Bit 5 / Transmit Invert Data Enable (TINV)
0 = do not invert the outgoing data stream
1 = invert the outgoing data stream
Bits 6, 7 / Unused. Must be set = 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com