Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
Rev. 1.10
50
July 01, 2016
Rev. 1.10
51
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
TMnC1 Register
Bit
7
6
5
4
3
2
1
0
Name
TnM1
TnM0
TnIO1
TnIO0
TnOC
TnPOL
TnDPX
TnCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
TnM1~TnM0:SelectTMnOperatingMode
00:CompareMatchOutputMode
01:UndefinedMode
10:PWMMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheTM.Toensurereliableoperation
theTMshouldbeswitchedoffbeforeanychangesaremadetotheTnM1andTnM0
bits.IntheTimer/CounterMode,theTMoutputmustbedisabled.
Bit5~4
TnIO1~TnIO0:SelectTPnoutputfunctionCompareMatchOutputMode
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMMode
00:Forceinactivestate
01:Forceactivestate
10:PWMoutput
11:Undefined
Timer/counterMode
Unused
ThesetwobitsareusedtodeterminehowtheTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheTMisrunning.
IntheCompareMatchOutputMode,theTnIO1andTnIO0bitsdeterminehowthe
TMoutputpinchangesstatewhenacomparematchoccursfromtheComparatorA.
TheTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresent
statewhenacomparematchoccursfromtheComparatorA.Whenthebitsareboth
zero,thennochangewilltakeplaceontheoutput.TheinitialvalueoftheTMoutput
pinshouldbesetupusingtheTnOCbitintheTMnC1register.Notethattheoutput
levelrequestedbytheTnIO1andTnIO0bitsmustbedifferentfromtheinitialvalue
setupusingtheTnOCbitotherwisenochangewilloccurontheTMoutputpinwhen
acomparematchoccurs.AftertheTMoutputpinchangesstate,itcanberesettoits
initiallevelbychangingtheleveloftheT0ONbitfromlowtohigh.
Bit3
TnOC:TnOutputcontrolbitCompareMatchOutputMode
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheTMoutputpin.Itsoperationdependsuponwhether
TMisbeingusedintheCompareMatchOutputModeorinthePWMMode.Ithasno
effectiftheTMisintheTimer/CounterMode.IntheCompareMatchOutputModeit
determinesthelogicleveloftheTMoutputpinbeforeacomparematchoccurs.Inthe
PWMModeitdeterminesifthePWMsignalisactivehighoractivelow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com