Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
Rev. 1.10
10
July 01, 2016
Rev. 1.10
11
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
A/D Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
AVDD
Analog Operating Voltage
─
─
4.5
─
5.5
V
VAD
AD Input Voltage
─
─
0
─
AVDD
V
DNL
Differential Non-linearity
5V
AVDD=VDD
tADC =1.25μs
-2
─
+2
LSB
INL
Integral Non-linearity
5V
AVDD=VDD
tADC =1.25μs
-4
─
+4
LSB
IADC
Additional Power Consumption
if ADC is Enabled
5V
No load (tADC =1.25μs )
Only ADC Enabled,
Other functions disabled
─
0.6
─
mA
fAD
A/D Clock
4.5~5.5V
─
0.125
─
8
MHz
tADC
AD Conversion Time
5V
8 bit ADC
─
10
─
tAD
tON2ST
ADC on to ADC Start
4.5V~5.5V
─
2
─
─
μs
Shunt Regulator Electrical Characteristics − HT45F39 Only
Ta=25°C
Symbol
Parameter
Condition
Min. Typ. Max. Unit
VUNREG
Supply Voltage
─
8
─
16
V
VREG1
Load Voltage – No Load in Room
Temperature
VUNREG=8V~16V, ISUPPLY=ISHUNT(Max)
@VUNREG=16V
MCU in SLEEP mode, no load (1)
-3%
5
+3%
V
VREG2
Load Voltage – Load and Supply
Voltage within Specification.
ISUPPLY=ISHUNT(Max) @ VUNREG=16V
Select RSER (1) as MCU in SLEEP
mode with no load condition
(1) VUNREG=8V, ILOAD=ILOAD(Max)
(2) VUNREG=16V, ILOAD=0
-5%
5
+5%
V
ILOAD
Load Current (2)
VUNREG =8V~16V,
RSER=(16-VDD1)/ISHUNT(Max)
0
─
15
mA
ISHUNT(Max)
Maximum Shunt Current
VUNREG=16V
80
─
─
mA
ISHUNT(Min)
Maximum Static Current
VUNREG=16V
─
─
5
mA
∆VLINR
Line Regulation
VUNREG=8V to 16V,
RSER=(16V–VREG1)/ISHUNT(Max)
MCU in SLEEP mode, no load
─
─
0.3
%/V
∆VREG_RIPPLE Output Voltage Ripple
VUNREG=8V to 16V,
RSER=(16V–VREG1)/ISHUNT(Max)
MCU alternately consumes the
average current IMCU and ILOAD(Max).
The MCU varies its consumption
current once every 0.5ms (3)
─
─
100
mV
∆VLOAD
Load Regulation
VUNREG=8V~16V/8V, 12V or 16V
RSER=(16V–VREG1)/ISHUNT(Max)
ILOAD = 0mA to ILOAD(Max),
CBYPASS=4.7μF, MCU in SLEEP mode
─
─
0.03 %/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com