Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Rev. 1.10
74
July 01, 2016
Rev. 1.10
75
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Car Parking Sensor Bus Control Unit
ThesedevicesprovideaspecialBusControlUnit(BCU)interfacefordatacommunicationsimilar
toLinBus.TheBCUinterfaceisusedtocommunicatewiththeHostandthedevicesinarapidand
easyway.Withthisinterface,theHostcantransmitcommandstoallofthedevicesandmanagethe
UltrasonicSensorsignalatthesametime.WithflexibleI/Ocontrol,thesignalprocessdatafeedback
canbereportedtothehostatthesametime.ThereareseveralcontrolbitsintheSENCOMM
registertocontrolthedatabusflow,namelyIOC,IOCNT,INSEL1andINSEL2respectively.The
IOCbitisusedtodeterminethedataflowtransmissionpathsfromPA2toPA3andtheRXdatafrom
PA7toPA6.
TheBCUinterfacecombinedwithasoftwareapplicationcanimplementanUltrasonicSensorID
Auto-Addressingfunction.
Therearetwomodesforthisinterfaceoperation:5Vand12V,describedbythefollowingsections.
Themajordifferenceisthattheapplicationhastohandlethe12Vhighervoltage.The5Vsystem
onlyneedsPA2andPA7toimplementtheTX/RXoperationswhilethe12VsystemneedsPA2,PA7,
PA3andPA6andtransistorsfortheTX/RXdata.
Forthisfunctionsthereisasinglecontrolregister
SENCOMM Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
IOC
IOCNT
INSEL2
INSEL1
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4:
Unimplemented,readas"0"
Bit3:
IOC:InternalpathPA2toPA3andpathPA7toPA6controlbit
0:PA7toPA6datapathisavailable
1:PA2toPA3datapathisavailable
Thisbitcontrolissuggestedforuseinthe12Vinterfacesystem.
Bit2
IOCNT:InternalpathbetweenPA7andPA2controlbit
0:Disableinternalpath
1.Enableinternalpath
Note:Thisbitisstronglyrecommendedforusewiththe5Vinterface.
Bit1
INSEL2:PA6asI/OfunctionorinternalpathPA6toPA7controlbit
0:PA6I/Ofunction
1:InternaldatapathPA7toPA6isonwhentheIOCbitissetto"0".
ThisbitisusedalongwiththeIOCbittodeterminethedatapathPA7toPA6.
Bit0
INSEL1:PA3asI/OfunctionorinternalpathPA2toPA3controlbit
0:PA3I/Ofunction
1:InternaldatapathPA2toPA3isonwhentheIOCbitissetto"1".
ThisbitisusedalongwiththeIOCbittodeterminethedatapathPA2toPA3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com