Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
Rev. 1.10
70
July 01, 2016
Rev. 1.10
71
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
• ENVCMP
BIT
7
6
5
4
3
2
1
0
NAME EADADJ1 EADADJ0
—
—
CMPOUT ENVEDGE1 ENVEDGE0
—
R/W
R/W
R/W
—
—
R
R/W
R/W
—
POR
0
0
—
—
0
0
0
—
Bit7~~6
EADADJ1~EADADJ0:Auto-EnvelopeADCSamplephaseadjustment
00:StartstoimplementAuto-EnvelopeADCConversion2*tADsecondsbehindthe
STARTsignalactivation
01:StartstoimplementAuto-EnvelopeADCConversion1*tADsecondsbehindthe
STARTsignalactivation
10:StartstoimplementAuto-EnvelopeADCConversiononcetheSTARTsignal
activation
11:StartstoimplementAuto-EnvelopeADCConversion3*tADsecondsbehindthe
STARTsignalactivation
Bit5~4
unimplemented,readas0
Bit3
CMPOUT:ComparatorOutput
0:SUM<ComparatorValue
1:SUM>ComparatorValue
Bit2~1
ENVEDGE1~ENVEDGE0:Comparatoroutputinterrupttriggeredgeselection
00:PositiveEdge
01:NegativeEdge
10:DualEdge
11:cannotbeused
Bit0
unimplemented,readas0
AVPCTRL Register
TheAVPCTRLregisterisusedtocontroltheAutoEnvelopProcessunit.TheDnbitisusedtoset
uptheDividervalue,accordingtowhethertheUltrasonicsensorfrequencyis40KHzor58KHz.The
reasonforthisistoallowtheaccumulatedvaluefromtheAccumulatorbetransformedinto8-bit
data.Whena40KHzUltrasonicsensorisimplemented,theaccumulatedvalueshouldbedividedby8.
Whena58KHzsensorisimplemented,theaccumulatedvalueshouldbedividedby4.
TheKnbitisusedtoselectthenumberofADCconverteddataoutputaccumulatedtimes.Whenthe
40KHzfrequencysensorisselected,astheADCsamplingrateis800Khz,thereare20setsofADC
converteddataforafrequencycycle,thenthehalfwavewillhave10setsofADCconverteddata.On
theotherhand,whenthe58KHzsensorisselected,thehalfwaveofthe58KHzfrequencywillhave7
setsofADCconverteddata.Therefore,whenthe40KHzsensorisselected,theKnbitmustselect"0"to
accumulatetheADCoutputdata10timestogettheaccumulatedweightdataastheComparatorinput.
Whenthe58KHzsensorisselected,theKnbitmustselect"1"togettheproperaccumulatedweightdata.
TheSUMSELbitisusedtoselectthepathfortheComparatorinput.Whenthisbitissethigh,the
ComparatorinputwillbetheADCconverteddata.CareshouldbetakeniftheADCconverteddata
outputisatarateof800KHz,thedesignershouldtakecarethisshortdataprocessingtime.When
thisbitiscleared"0",theComparatorinputwillselecttheDivideroutput.
TheAEVMODbitisusedtoselecttheComparatorreferencedata,fromthedataintheSUMCMP
registerorthe10-leveldatainFIFO.WhentheAEVMODbitisclearedlow,theComparator
referencedataisselectedasthedataintheSUMCMPregister.Thedesignercantakeadvantage
ofthisSUMCMPregistertosetthevariousreferencedataasthecomparatorinput,accordingto
differentthresholdrequirementsintheapplication.Whenthisbitissethigh,the10-leveldatainthe
FIFOisselectedasthecomparatorinput.Thedesignershouldenterthepreferred10-leveldatato
comparewiththeADCconverteddataortheDivideroutputdata,determinedbytheSUMSELbit.
AstheComparisonisimplementedbyhardware,thedesignershouldenterthedatafirstbefore
startingthisschemeandre-enterthedatawithinatimeof40instructioncycleasthe10-leveldata
readoutinterrupttakesplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com