Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Rev. 1.10
10
July 01, 2016
Rev. 1.10
11
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage (Note)
—
—
4.5
—
5.5
V
IDD
Operating Current
5V
No load,ADC disabled
—
6
9
mA
ISTB
Standby Current
5V
No load, all off except
WDT enable
—
—
5
m
A
VIL
Input Low Voltage for PA, PB, TCKn,
TPn, INT
5V
—
0
—
1.5
V
4.5V~5.5V
0
— 0.2VDD
V
VIH
Input High Voltage for PA, PB, TCKn,
TPn, INT
5V
—
3.5
—
5
V
4.5V~5.5V
0.8VDD —
VDD
V
VLVR
Low Voltage Reset
5V
—
-5%
3.15 +5%
V
VBG
Reference Voltage with Buffer Voltage
—
—
-3%
1.04 +3%
V
IBG
Additional Power Consumption if
Reference with Buffer is used
—
—
—
200
300
m
A
ILVR
Additional Power Consumption if LVR
is Used
5V
LVR enable
─
15
30
m
A
IOH
I/O Source Current (PA, PB)
5V
VOH=0.9VDD
-5
-10
—
mA
IOL
I/O Sink Current (PA, PB)
5V
VOL=0.1VDD
10
20
—
mA
RPH
Pull-high Resistance (I/O)
5V
—
10
30
50
kW
Note:ForHT45F39anexternalresistorshouldbeseriallyconnectedbetweenthesupplypowerandVDDpin.
Refertothe“ShuntRegulator”chapterforthedetails.
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
5V
4.5V~5.5V
400
—
16000
kHz
fHIRC
HIRC OSC
4.75V~5.25V
Ta=-20°C~60°C
-2.0%
16
+2.0% MHz
Ta=-40°C~85°C
-2.5%
16
+2.5% MHz
fLIRC
System Clock (LIRC)
5V
Ta=25°C
-10%
32
+10%
kHz
2.2V~5.5V Ta=-40°C ~85°C
-50%
32
+60%
kHz
tTIMER
TCKn Input Pin Minimum Pulse Width
—
—
0.3
—
—
m
s
tINT
Interrupt Minimum Pulse Width
—
—
10
—
—
m
s
tLVR
Low Voltage width to Reset
—
—
120
240
480
m
s
tSST
System Start-up Timer Period
—
—
16
—
—
tSYS
tRSTD
System Reset Delay Time
(Power On Reset)
—
—
25
50
100
ms
System Reset Delay Time
(Any Reset except Power On Reset)
—
—
8.3
16.7
33.3
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1mFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedevicesaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com