Electronic Components Datasheet Search
  English  ▼

X  

HT45F39 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
Rev. 1.10
62
July 01, 2016
Rev. 1.10
63
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
A/D Operation
TheSTARTbitintheADCR0registerisusedtostartandresettheA/Dconverter.Whenthe
microcontrollersetsthisbitfromlowtohighandthenlowagain,ananalogtodigitalconversion
cyclewillbeinitiated.WhentheSTARTbitisbroughtfromlowtohighbutnotlowagain,the
EOCBbitintheADCR0registerwillbesethighandtheanalogtodigitalconverterwillbereset.
ItistheSTARTbitthatisusedtocontroltheoverallstartoperationoftheinternalanalogtodigital
converter.
TheEOCBbitintheADCR0registerisusedtoindicatewhentheanalogtodigitalconversion
processiscomplete.Thisbitwillbeautomaticallysetto"0"bythemicrocontrolleraftera
conversioncyclehasended.Inaddition,thecorrespondingA/Dinterruptrequestflagwillbeset
intheinterruptcontrolregister,andiftheinterruptsareenabled,anappropriateinternalinterrupt
signalwillbegenerated.ThisA/Dinternalinterruptsignalwilldirecttheprogramflowtothe
associatedA/Dinternalinterruptaddressforprocessing.IftheA/Dinternalinterruptisdisabled,
themicrocontrollercanbeusedtopolltheEOCBbitintheADCR0registertocheckwhetherithas
beenclearedasanalternativemethodofdetectingtheendofanA/Dconversioncycle.
TheclocksourcefortheA/Dconverter,whichoriginatesfromthesystemclockfSYS,canbechosen
tobeeitherfSYSorasubdividedversionoffSYS.Thedivisionratiovalueisdeterminedbythe
ADCK2~ADCK0bitsintheADCR1register.Controllingthepoweron/offfunctionoftheA/D
convertercircuitryisimplementedusingtheADOFFbitintheADCR0register.Thisbitmustbe
zerotopowerontheA/Dconverter.EvenifnopinsareselectedforuseasA/Dinputsbyclearing
theACE7~ACE0bitsintheACERLregister,iftheADOFFbitiszerothensomepowerwillstill
beconsumed.InpowerconsciousapplicationsitisthereforerecommendedthattheADOFFisset
hightoreducepowerconsumptionwhentheA/Dconverterfunctionisnotbeingused.Thereference
voltagesupplytotheA/DConvertercanbesuppliedfromeitherthepositivepowersupplypin,
AVDD.
A/D Input Pins
AlloftheA/Danaloginputpinsarepin-sharedwiththeI/OpinsonPortA,aswellasother
functions.TheACE7~ACE0bitsintheACERLregisters,determinewhethertheinputpinsare
setupasA/Dconverteranaloginputsorwhethertheyhaveotherfunctions.IftheACE7~ACE0
bitsforitscorrespondingpinissethighthenthepinwillbesetuptobeanA/Dconverterinput
andtheoriginalpinfunctionsdisabled.Inthisway,pinscanbechangedunderprogramcontrolto
changetheirfunctionbetweenA/Dinputsandotherfunctions.Allpull-highresistors,whichare
setupthroughregisterprogramming,willbeautomaticallydisconnectedifthepinsaresetupasA/
Dinputs.NotethatitisnotnecessarytofirstsetuptheA/DpinasaninputinthePACportcontrol
registertoenabletheA/DinputaswhentheACE7~ACE0bitsenableanA/Dinput,thestatusofthe
portcontrolregisterwillbeoverridden.Theanaloginputvaluesmustnotbeallowedtoexceedthe
valueofVREF.
PA 0/ AN 0 PA7 /A N7
8- bi t A/ D
Co nv er te r
AC S4 ~A CS 0
VC M
SC F Ou t put
Ba ndgap
Re fe r enc e
Vo lt ag e
VBG EN
A/D Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com